Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3G4IS Datasheet(PDF) 14 Page - STMicroelectronics

Part # L3G4IS
Description  MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4IS Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L3G4IS Datasheet HTML 10Page - STMicroelectronics L3G4IS Datasheet HTML 11Page - STMicroelectronics L3G4IS Datasheet HTML 12Page - STMicroelectronics L3G4IS Datasheet HTML 13Page - STMicroelectronics L3G4IS Datasheet HTML 14Page - STMicroelectronics L3G4IS Datasheet HTML 15Page - STMicroelectronics L3G4IS Datasheet HTML 16Page - STMicroelectronics L3G4IS Datasheet HTML 17Page - STMicroelectronics L3G4IS Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Image stabilization (OIS mode) specifications
L3G4IS
14/24
Doc ID 022612 Rev 1
5.2
Electrical characteristics
@ HAVdd = 3.3 V, T = 25 °C unless otherwise noted(e).
5.3
Temperature sensor characteristics
@ HAVdd = 3.3 V, T = 25 °C unless otherwise noted(f).
e.
The product is factory calibrated at 3.3 V.
Table 9.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
HAVdd
Supply voltage
3.0
3.3
3.6
V
Vdd_IO_SPI I/O pins supply voltage(2)
1.71
HAVdd+0
.1
V
Idd
Supply current
OIS and UI modes active
10
mA
IddSL
Supply current in sleep
mode(3)
Selectable by digital
interface
3.2
mA
IddPdn
Supply current in power-
down mode
Selectable by digital
interface
20
μA
VIH
Digital high level input
voltage
0.8*Vdd_I
O_SPI
V
VIL
Digital low level input
voltage
0.2*Vdd_I
O_SPI
V
Top
Operating temperature
range
-30
+85
°C
1.
Typical specifications are not guaranteed.
2.
It is possible to remove HAVdd maintaining Vdd_IO_SPI without blocking the communication busses, in this condition the
measurement chain is powered off.
3.
Sleep mode introduces a faster turn-on time related to power-down mode.
f.
The product is factory calibrated at 3.3 V.
Table 10.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
TSDr
Temperature sensor
output change vs.
temperature
-
-1
°C/digit
TODR
Temperature refresh rate
1
Hz
Top
Operating temperature
range
-30
+85
°C
1.
Typical specifications are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com