Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3G4IS Datasheet(PDF) 15 Page - STMicroelectronics

Part # L3G4IS
Description  MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4IS Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L3G4IS Datasheet HTML 11Page - STMicroelectronics L3G4IS Datasheet HTML 12Page - STMicroelectronics L3G4IS Datasheet HTML 13Page - STMicroelectronics L3G4IS Datasheet HTML 14Page - STMicroelectronics L3G4IS Datasheet HTML 15Page - STMicroelectronics L3G4IS Datasheet HTML 16Page - STMicroelectronics L3G4IS Datasheet HTML 17Page - STMicroelectronics L3G4IS Datasheet HTML 18Page - STMicroelectronics L3G4IS Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
L3G4IS
Image stabilization (OIS mode) specifications
Doc ID 022612 Rev 1
15/24
5.4
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 11.
Absolute maximum ratings(1)
1.
Supply voltage on any pin should never exceed 4.8 V.
Symbol
Ratings
Maximum value
Unit
AVdd
Supply voltage
-0.3 to 4.8
V
HAVdd
Supply voltage
-0.3 to 4.8
V
Vdd_IO_
SPI
Vdd IO SPI interface
-0.3 to HAVdd +0.1
V
Vin(UI)
Input voltage on:
(SCL, SDA, INT, DRDY)
-0.3 to AVdd +0.1
V
Vin(OIS)
Input voltage on:
(CS_OIS, SDI/SDO_OIS, SCL_OIS)
-0.3 to Vdd_IO_SPI
+0.1
V
TSTG
Storage temperature range
-40 to +125
°C
Sg
Acceleration g for 0.1 ms
10,000
g
ESD
Electrostatic discharge protection
2 (HBM)
kV
1.5 (CDM)
kV
200 (MM)
V
This is a mechanical shock sensitive device, improper handling can cause permanent
damage to the part.
This is an ESD sensitive device, improper handling can cause permanent damage to
the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com