Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2DUX12 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LIS2DUX12
Description  Ultralow-power accelerometer with AI & anti-aliasing
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUX12 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LIS2DUX12 Datasheet HTML 10Page - STMicroelectronics LIS2DUX12 Datasheet HTML 11Page - STMicroelectronics LIS2DUX12 Datasheet HTML 12Page - STMicroelectronics LIS2DUX12 Datasheet HTML 13Page - STMicroelectronics LIS2DUX12 Datasheet HTML 14Page - STMicroelectronics LIS2DUX12 Datasheet HTML 15Page - STMicroelectronics LIS2DUX12 Datasheet HTML 16Page - STMicroelectronics LIS2DUX12 Datasheet HTML 17Page - STMicroelectronics LIS2DUX12 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
4
Application hints
Figure 6. LIS2DUX12 electrical connections (top view)
SDA/SDI/SDO
SCL/SPC
10µF
100nF
GND
SDO/SA0
LIS2DUX12
HOST
I2C /
SPI (3/4-w)
SCL
SDA
Vdd_IO
Rpu
Rpu
Pull-up to be added
Rpu=10kOhm
I2C configuration
1
2
11
10
12
5
6
7
3
4
9
8
Vdd_IO
Vdd_IO
100nF
GND
Vdd
Vdd
RES
GND
CS
MIPI I3CSM /
The device core is supplied through the Vdd line while the I/O pins are supplied through the Vdd_IO line. Power
supply decoupling capacitors (100 nF ceramic, 10 µF aluminum) should be placed as near as possible to pin 9 of
the device (common design practice).
All the voltage and ground supplies must be present at the same time to have proper behavior of the IC (refer to
Figure 6). It is possible to remove Vdd while maintaining Vdd_IO without blocking the communication bus, in this
condition the measurement chain is powered off.
The functionality of the device and the measured acceleration data are selectable and accessible through the
I²C/MIPI I3C® or SPI interfaces. When using the I²C, CS must be tied high (that is, connected to Vdd_IO).
The functions, the threshold and the timing of the two interrupt pins (INT1 and INT2) can be completely
programmed by the user through the I²C/MIPI I3C®/SPI interface.
LIS2DUX12
Application hints
DS14071 - Rev 2
page 14/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com