Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP65N150M9 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP65N150M9
Description  N-channel 650 V, 128 mΩ typ., 20 A MDmesh M9 Power MOSFET in a TO-220 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP65N150M9 Datasheet(HTML) 3 Page - STMicroelectronics

  STP65N150M9 Datasheet HTML 1Page - STMicroelectronics STP65N150M9 Datasheet HTML 2Page - STMicroelectronics STP65N150M9 Datasheet HTML 3Page - STMicroelectronics STP65N150M9 Datasheet HTML 4Page - STMicroelectronics STP65N150M9 Datasheet HTML 5Page - STMicroelectronics STP65N150M9 Datasheet HTML 6Page - STMicroelectronics STP65N150M9 Datasheet HTML 7Page - STMicroelectronics STP65N150M9 Datasheet HTML 8Page - STMicroelectronics STP65N150M9 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2
Electrical characteristics
TC = 25 °C unless otherwise specified.
Table 4. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 1 mA
650
V
IDSS
Zero gate voltage drain current
VGS = 0 V, VDS = 650 V
1
µA
VGS = 0 V, VDS = 650 V, TC = 125 °C(1)
200
IGSS
Gate-body leakage current
VDS = 0 V, VGS = ±25 V
±5
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
3.2
3.7
4.2
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 10 A
128
150
mΩ
1. Specified by design, not tested in production.
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 400 V, f = 1 MHz, VGS = 0 V
-
1240
-
pF
Coss
Output capacitance
-
25
-
pF
Coss eq.(1)
Equivalent output capacitance
VDS = 0 to 400 V, VGS = 0 V
-
290
-
pF
RG
Intrinsic gate resistance
f = 1 MHz, ID = 0 A
-
2
-
Ω
Qg
Total gate charge
VDD = 400 V, ID = 10 A, VGS = 0 to 10 V
(see Figure 15. Test circuit for gate
charge behavior)
-
32
-
nC
Qgs
Gate-source charge
-
7
-
nC
Qgd
Gate-drain charge
-
15
-
nC
1. Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0
to stated value.
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(v)
Voltage delay time
VDD = 400 V, ID = 10 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 16. Test circuit for inductive
load switching and diode recovery times
and Figure 17. Turn-off switching time
waveform on inductive load)
-
8
-
ns
tr(v)
Voltage rise time
-
5
-
ns
tf(i)
Current fall time
-
7
-
ns
tc(off)
Crossing time off
-
40
-
ns
td(i)
Current delay time
VDD = 400 V, ID = 10 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 16. Test circuit for inductive
load switching and diode recovery times
and Figure 18. Turn-on switching time
waveform on inductive load)
-
14
-
ns
tr(i)
Current rise time
-
4
-
ns
tf(v)
Voltage fall time
-
10
-
ns
tc(on)
Crossing time on
-
12
-
ns
STP65N150M9
Electrical characteristics
DS13496 - Rev 3
page 3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com