Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD56050 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LD56050
Description  500 mA ultra-low dropout linear regulator with bias supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD56050 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LD56050 Datasheet HTML 10Page - STMicroelectronics LD56050 Datasheet HTML 11Page - STMicroelectronics LD56050 Datasheet HTML 12Page - STMicroelectronics LD56050 Datasheet HTML 13Page - STMicroelectronics LD56050 Datasheet HTML 14Page - STMicroelectronics LD56050 Datasheet HTML 15Page - STMicroelectronics LD56050 Datasheet HTML 16Page - STMicroelectronics LD56050 Datasheet HTML 17Page - STMicroelectronics LD56050 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Table 7. DFN4 1.2 x 1.2 mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
0.41
0.45
0.50
A1
0.00
0.02
0.05
A3
0.127 Ref.
b
0.25
0.30
0.35
D
1.20 BSC
E
1.20 BSC
e
0.80 BSC
D2
0.58
0.63
0.68
E2
0.58
0.63
0.68
K
0.20
--
--
L
0.25
0.30
0.35
N
4
aaa
0.05
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
ND
2
Figure 22. DFN4 1.2 x 1.2 recommended footprint
Note:
All dimensions are in millimeters.
LD56050
DFN4 1.2 x 1.2 package information
DS12441 - Rev 2
page 14/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com