Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD56050 Datasheet(PDF) 15 Page - STMicroelectronics

Part # LD56050
Description  500 mA ultra-low dropout linear regulator with bias supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD56050 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LD56050 Datasheet HTML 11Page - STMicroelectronics LD56050 Datasheet HTML 12Page - STMicroelectronics LD56050 Datasheet HTML 13Page - STMicroelectronics LD56050 Datasheet HTML 14Page - STMicroelectronics LD56050 Datasheet HTML 15Page - STMicroelectronics LD56050 Datasheet HTML 16Page - STMicroelectronics LD56050 Datasheet HTML 17Page - STMicroelectronics LD56050 Datasheet HTML 18Page - STMicroelectronics LD56050 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Figure 23. DFN4 1.2 x 1.2 tape and reel
+/- 0.05
Measured from centreline of sprocket hole
to centreline of pocket.
Cumulative tolerance of 10 sprocket
holes is ± 0.20 .
Measured from centreline of sprocket
hole to centreline of pocket.
(I)
(II)
(III)
(IV)
Other material available.
ALL DIMENSIONS IN MILLIMETRES UNLESS OTHERWISE STATED.
W
F
P1
+/- 0.05
+/- 0.10
+/- 0.10
3.50
4.00
8.00
Ao
1.40
+/- 0.05
Bo
1.40
+/- 0.05
Ko
0.64
0.05
R0.10
1.50+0
.1/ -0.0
0.1
D0
4.00
P1
MAX
P2 (I)
2.00
P0 (II)
Ao
D1
0.80
min
Y
Y
SECTION Y-Y
SCALE 8 : 1
0.05
T
0.25
Ko
Note:
Pin 1 orientation: bottom-left.
LD56050
DFN4 1.2 x 1.2 package information
DS12441 - Rev 2
page 15/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com