Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2421 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2421
Description  1-/2-Channel 20-Bit UPower No Latency ADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2421 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2421 Datasheet HTML 3Page - Linear Technology LTC2421 Datasheet HTML 4Page - Linear Technology LTC2421 Datasheet HTML 5Page - Linear Technology LTC2421 Datasheet HTML 6Page - Linear Technology LTC2421 Datasheet HTML 7Page - Linear Technology LTC2421 Datasheet HTML 8Page - Linear Technology LTC2421 Datasheet HTML 9Page - Linear Technology LTC2421 Datasheet HTML 10Page - Linear Technology LTC2421 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
LTC2421/LTC2422
24212f
TYPICAL PERFOR A CE CHARACTERISTICS
Conversion Current
vs Temperature
Sleep Current vs Temperature
Rejection vs Frequency at VIN
Rejection vs Frequency at VIN
Rejection vs Frequency at VIN
Rejection vs Frequency at VIN
Rejection vs Frequency at VCC
Rejection vs Frequency at VCC
Rejection vs Frequency at VCC
TEMPERATURE (
°C)
–55
220
20
24212 G19
190
170
–30
–5
45
160
150
230
210
200
180
70
95
120
VCC = 5.5V
VCC = 4.1V
VCC = 2.7V
TEMPERATURE (
°C)
–55
0
10
20
30
–30
–5
20
45
24212 G20
70
95
120
VCC = 2.7V
VCC = 5V
FREQUENCY AT VCC (Hz)
1
–60
–40
–20
200
24212 G21
–80
–100
–120
50
100
150
250
VCC = 4.1V
VIN = 0V
TA = 25°C
FO = 0
FREQUENCY AT VCC (Hz)
15200
–120
–100
–80
–60
–40
0
15250 15300 15350 15400
24212 G22
15450 15500
–20
VCC = 4.1V
VIN = 0V
TA = 25°C
FO = 0
FREQUENCY AT VCC (Hz)
1
–120
–100
–80
–60
–40
–20
0
100
10k
1M
24212 G23
VCC = 4.1V
VIN = 0V
TA = 25°C
FO = 0
FREQUENCY AT VIN (Hz)
1
–120
–100
–80
–60
–40
–20
0
50
100
150
200
24212 G24
250
VCC = 5V
VREF = 5V
VIN = 2.5V
FO = 0
INPUT FREQUENCY DEVIATION FROM NOTCH FREQUENCY (%)
–12
–8
–4
048
12
24212 G25
–60
–70
–80
–90
–100
–110
–120
–130
–140
FREQUENCY AT VIN (Hz)
15100
–120
–100
–80
–60
–40
–20
0
15200
15300
15400
15500
24212 G26
VCC = 5V
VREF = 5V
VIN = 2.5V
FO = 0
SAMPLE RATE = 15.36kHz
±2%
INPUT FREQUENCY
0
–60
–40
0
24212 G27
–80
–100
fS/2
fS
–120
–140
–20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com