Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2421 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2421
Description  1-/2-Channel 20-Bit UPower No Latency ADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2421 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2421 Datasheet HTML 19Page - Linear Technology LTC2421 Datasheet HTML 20Page - Linear Technology LTC2421 Datasheet HTML 21Page - Linear Technology LTC2421 Datasheet HTML 22Page - Linear Technology LTC2421 Datasheet HTML 23Page - Linear Technology LTC2421 Datasheet HTML 24Page - Linear Technology LTC2421 Datasheet HTML 25Page - Linear Technology LTC2421 Datasheet HTML 26Page - Linear Technology LTC2421 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
23
LTC2421/LTC2422
24212f
Input Current (VIN)
If complete settling occurs on the input, conversion re-
sults will be uneffected by the dynamic input current. If the
settling is incomplete, it does not degrade the linearity
performance of the device. It simply results in an offset/
full-scale shift, see Figure 17. To simplify the analysis of
input dynamic current, two separate cases are assumed:
large capacitance at VIN (CIN > 0.01µF) and small capaci-
tance at VIN (CIN < 0.01µF).
If the total capacitance at VIN (see Figure 18) is small
(< 0.01
µF), relatively large external source resistances (up
to 80k for 20pF parasitic capacitance) can be tolerated
without any offset/full-scale error. Figures 19 and 20 show
a family of offset and full-scale error curves for various
small valued input capacitors (CIN < 0.01µF) as a function
of input source resistance.
For large input capacitor values (CIN > 0.01µF), the input
spikes are averaged by the capacitor into a DC current. The
gain shift becomes a linear function of input source resis-
tance independent of input capacitance, see Figures 21
and 22. The equivalent input impedance is 16.6M
Ω. This
results in
±150nA of input dynamic current at the extreme
values of VIN (VIN = 0V and VIN = VREF, when VREF = 5V).
This corresponds to a 0.3ppm shift in offset and full-scale
readings for every 10
Ω of input source resistance.
APPLICATIO S I FOR ATIO
Figure 18. An RC Network at VIN
Figure 19. Offset vs RSOURCE (Small C)
Figure 17. Offset/Full-Scale Shift
ZSSET
TUE
VIN
24212 F17
FSSET
CIN
24212 F17
INTPUT
SIGNAL
SOURCE
RSOURCE
VIN
LTC2421/
LTC2422
CPAR
≅20pF
RSOURCE (Ω)
1
30
40
50
10k
24212 F19
20
10
0
10
100
1k
100k
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C
CIN = 100pF
CIN = 1000pF
CIN = 0pF
CIN = 0.01µF
Figure 20. Offset vs RSOURCE (Large C)
Figure 21. Full-Scale Error vs RSOURCE (Large C)
RSOURCE (Ω)
0
25
30
35
600
800
24212 F20
20
15
200
400
1000
10
5
0
CIN = 22µF
CIN = 10µF
CIN = 1µF
CIN = 0.1µF
CIN = 0.01µF
CIN = 0.001µF
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C
RSOURCE (Ω)
0
–20
–15
–10
600
1000
24212 F21
–25
–30
–35
200
400
800
–5
0
5
CIN = 22µF
CIN = 10µF
CIN = 1µF
CIN = 0.1µF
CIN = 0.01µF
CIN = 0.001µF
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com