Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA3250/V Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATMEGA3250/V
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  347 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3250/V Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATMEGA3250/V Datasheet HTML 28Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 29Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 30Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 31Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 32Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 33Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 34Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 35Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 347 page
background image
32
ATmega325/3250/645/6450
2570A–AVR–09/04
Switching Time
When switching between prescaler settings, the System Clock Prescaler ensures that
no glitches occur in the clock system and that no intermediate frequency is higher than
neither the clock frequency corresponding to the previous setting, nor the clock fre-
quency corresponding to the new setting.
The ripple counter that implements the prescaler runs at the frequency of the undivided
clock, which may be faster than the CPU’s clock frequency. Hence, it is not possible to
determine the state of the prescaler – even if it were readable, and the exact time it
takes to switch from one clock division to another cannot be exactly predicted.
From the time the CLKPS values are written, it takes between T1 + T2 and T1 + 2*T2
before the new clock frequency is active. In this interval, 2 active clock edges are pro-
duced. Here, T1 is the previous clock period, and T2 is the period corresponding to the
new prescaler setting.
Table 13. Clock Prescaler Select
CLKPS3
CLKPS2
CLKPS1
CLKPS0
Clock Division Factor
0000
1
0001
2
0010
4
0011
8
0100
16
0101
32
0110
64
0111
128
1000
256
1001
Reserved
1010
Reserved
1011
Reserved
1100
Reserved
1101
Reserved
1110
Reserved
1111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com