Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA3250/V Datasheet(PDF) 40 Page - ATMEL Corporation

Part # ATMEGA3250/V
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  347 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3250/V Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button ATMEGA3250/V Datasheet HTML 36Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 37Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 38Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 39Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 40Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 41Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 42Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 43Page - ATMEL Corporation ATMEGA3250/V Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 347 page
background image
40
ATmega325/3250/645/6450
2570A–AVR–09/04
Figure 16. MCU Start-up, RESET Tied to V
CC
Figure 17. MCU Start-up, RESET Extended Externally
External Reset
An External Reset is generated by a low level on the RESET pin. Reset pulses longer
than the minimum pulse width (see Table 16) will generate a reset, even if the clock is
not running. Shorter pulses are not guaranteed to generate a reset. When the applied
signal reaches the Reset Threshold Voltage – V
RST – on its positive edge, the delay
counter starts the MCU after the Time-out period – t
TOUT – has expired.
Figure 18. External Reset During Operation
Brown-out Detection
ATmega325/3250/645/6450 has an On-chip Brown-out Detection (BOD) circuit for mon-
itoring the V
CC level during operation by comparing it to a fixed trigger level. The trigger
level for the BOD can be selected by the BODLEVEL Fuses. The trigger level has a hys-
V
RESET
TIME-OUT
INTERNAL
RESET
t
TOUT
V
POT
V
RST
CC
RESET
TIME-OUT
INTERNAL
RESET
t
TOUT
V
POT
V
RST
VCC
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com