Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A31316 Datasheet(PDF) 49 Page - Allegro MicroSystems

Part # A31316
Description  3D Magnetic Position Sensor IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A31316 Datasheet(HTML) 49 Page - Allegro MicroSystems

Back Button A31316 Datasheet HTML 45Page - Allegro MicroSystems A31316 Datasheet HTML 46Page - Allegro MicroSystems A31316 Datasheet HTML 47Page - Allegro MicroSystems A31316 Datasheet HTML 48Page - Allegro MicroSystems A31316 Datasheet HTML 49Page - Allegro MicroSystems A31316 Datasheet HTML 50Page - Allegro MicroSystems A31316 Datasheet HTML 51Page - Allegro MicroSystems A31316 Datasheet HTML 52Page - Allegro MicroSystems A31316 Datasheet HTML 53Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
3D Magnetic Position Sensor IC
A31316
49
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
UVCC (BIT: 8) RO
Indicates when the UVD error has occurred. This bit will NOT be
asserted if the flag is masked.
ESE (BIT: 7) RO
Indicates when the EEPROM single bit error has occurred. This
bit will NOT be asserted if the flag is masked.
POR (BIT: 6) RO
Indicates when a power-on reset has occurred. This bit will NOT
be asserted if the flag is masked.
SRR (BIT: 5) RO
Indicates when the signal radius is out of range. This bit will
NOT be asserted if the flag is masked.
SLF (BIT: 4) RO
Indicates when an error is detected in the signal path logic. This
bit will NOT be asserted if the flag is masked.
SAT (BIT: 3) RO
Indicates when saturation occurs within the signal path. This bit
will NOT be asserted if the flag is masked.
TSE (BIT: 2) RO
Indicates when the temperature sensor is either in error our out of
range. This bit will NOT be asserted if the flag is masked.
AOC (BIT: 1) RO
Indicates when the angle is outside of the clamped region. This
bit will NOT be asserted if the flag is masked.
ACF (BIT: 0) RO
Indicates when a failure has occurred on the internal analog
checks. This bit will NOT be asserted if the flag is masked.
Volatile 0xA7
TEMPERATURE_16B (BITS: 31:16) RO
Contains the digital readout of the temperature sensor. This value
is provided in 2’s complement. Conversion to degrees can be
done with the following equation:
Temperature [°C] = (temperature_16b) / 128 + 25°
ANGLE_16B (BITS: 15:0) RO
The calculated angle after all trimming and compensation. Con-
version to degrees can be done with the following equation:
Angle [Deg]=angle_16b × (360°)/216
Volatile 0xA8
CHAN_B_16B (BITS: 31:16) RO
Final output of channel B after customer trimmed compensation.
This value is directly input to the CORDIC calculation.
CHAN_A_16B (BITS: 15:0) RO
Final output of channel A after customer trimmed compensation.
This value is directly input to the CORDIC calculation.
Volatile 0xA9
CHAN_B_PRE_16B (BITS: 31:16) RO
Customer-trimmed output of channel B before the hysteresis
filter.
CHAN_A_PRE_16B (BITS: 15:0) RO
Customer-trimmed output of channel A before the hysteresis
filter.
Volatile 0xAA
RADIUS_SQ_17B (BITS: 16:0) RO
The squared radius as calculated internally. This value is used to
determine if the signal radius is out of range for the SSR flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com