Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A31316 Datasheet(PDF) 15 Page - Allegro MicroSystems

Part # A31316
Description  3D Magnetic Position Sensor IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A31316 Datasheet(HTML) 15 Page - Allegro MicroSystems

Back Button A31316 Datasheet HTML 11Page - Allegro MicroSystems A31316 Datasheet HTML 12Page - Allegro MicroSystems A31316 Datasheet HTML 13Page - Allegro MicroSystems A31316 Datasheet HTML 14Page - Allegro MicroSystems A31316 Datasheet HTML 15Page - Allegro MicroSystems A31316 Datasheet HTML 16Page - Allegro MicroSystems A31316 Datasheet HTML 17Page - Allegro MicroSystems A31316 Datasheet HTML 18Page - Allegro MicroSystems A31316 Datasheet HTML 19Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
3D Magnetic Position Sensor IC
A31316
15
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Signal Path
The A31316 signal path contains two min sections. The first is
two 1-D signal paths each reflecting the magnetic field in one
direction as specified in the selection guide. The second section
uses a CORDIC calculation to determine an angle from the 1-D
signals. Both sections provide customer-accessible trim registers
for end-of-line calibrations.
1-D Signal Path
FACTORY CHANNEL A / CHANNEL B INPUT SELECTION
Selects the input to Channel A and Channel B. This is pro-
grammed at factory level. Use the selection guide to determine
which axes are used.
FACTORY RANGE SELECTION
Factory range selection sets the analog pre-amplifier. The A31316
front end settings are configured for a limited field range. To
determine the field range, consult the selection guide.
CUSTOMER CONTROLLABLE DATA PATH
The data path further processing is performed as by the equations below.
NOTE: If the segment processor correction components are
changed by the customer, temperature performance may devi-
ate from specification. The customer must take care in changing
these components and assumes liability for temperature perfor-
mance deviations that come about from the changes applied.
Customer Trimming
LOW-PASS FILTER
The user low pass filter allows a noise reduction without data
update rate change using a combination of a CIC and IIR filter.
The IIR filter is a third-order low pass filter.
Equation 2:
CA1 = LPF(CA0)
CB1 = LPF(CB0)
Figure 5: Low-Pass Filter
Table 2: Selection of Customer Low-Pass Filter,
EEPROM Parameter bw_sel
bw_sel
3 dB Frequency (Hz) 90% Settling (ms)
0
329.1
1.666
1
465.8
1.172
2
556
0.9925
3
700
0.763
4
1000
0.554
5
1482
0.396
6
2024
0.249
7
Adaptive
0.135
The adaptive filter has a selectable minimum and maximum band-
width for increased customization. The minimum and maximum
bandwidths are selected via the bw_adap_min and bw_adap_max
registers respectively. The table below shows the corresponding
bandwidths for each register. bw_adap_min is by default set to
code 0 and bw_adap_max is by default set to code 7.
Table 3: bw_adapt_(min/max) Frequencies
bw_adapt_(min/max) (LSB)
Frequency (Hz)
0
38.9
1
77.8
2
156.3
3
314.8
4
638.7
5
1308.6
6
2672.1
7
4734.2
The overall filter response is given below.
Figure 6: Overall IIR filter Response
Depending on the Selected Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com