Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM69AX Datasheet(PDF) 6 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 2Page - Texas Instruments AM69AX Datasheet HTML 3Page - Texas Instruments AM69AX Datasheet HTML 4Page - Texas Instruments AM69AX Datasheet HTML 5Page - Texas Instruments AM69AX Datasheet HTML 6Page - Texas Instruments AM69AX Datasheet HTML 7Page - Texas Instruments AM69AX Datasheet HTML 8Page - Texas Instruments AM69AX Datasheet HTML 9Page - Texas Instruments AM69AX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 299 page
background image
5 Device Comparison
Table 5-1 shows the features of the SoC.
Table 5-1. Device Comparison
FEATURES(7)
REFERENCE NAME
AM69A9
AM69A7
PROCESSORS AND ACCELERATORS
Speed Grades
T
T
Arm Cortex-A72 Microprocessor Subsystem
Arm A72
Octal Core
Octal Core
Arm Cortex-R5F
Arm R5F
Device Management
Dual Core(10)
Dual Core(10)
Arm R5F
General Compute
Dual Core(10)
Dual Core(10)
Security Management Subsystem
SMS
Yes
Yes
Security Accelerators
SA
Yes
Yes
Deep Learning Accelerator (32 TOPS)
C7x DSP + MMA
Quad Core(11)
Quad Core(11)
Graphics Accelerator IMG BXS-64-4
GPU
Yes
No
Depth and Motion Processing Accelerators
DMPAC
No
No
Vision Processing Accelerators
VPAC
Yes
Yes
Video Encoder/Decoder
VENC/VDEC
2 × Encode/Decode
2 × Encode/Decode
SAFETY AND SECURITY
Safety Targeted
Safety
No(1)
No(1)
Device Security
Security
Optional(2)
Optional(2)
AEC-Q100 Qualified
Q1
Optional(3)
Optional(3)
PROGRAM AND DATA STORAGE
On-Chip Shared Memory (RAM) in MAIN Domain
OCSRAM
512KB SRAM
512KB SRAM
On-Chip Shared Memory (RAM) in MCU Domain
MCU_MSRAM
1MB SRAM
1MB SRAM
Multicore Shared Memory Controller
MSMC
8MB (On-Chip SRAM with
ECC)
8MB (On-Chip SRAM with
ECC)
LPDDR4 DDR Subsystem
DDRSS0
Up to 8GB (32-bit data)
with inline ECC
Up to 8GB (32-bit data)
with inline ECC
DDRSS1
Up to 8GB (32-bit data)
with inline ECC
Up to 8GB (32-bit data)
with inline ECC
DDRSS2
Up to 8GB (32-bit data)
with inline ECC
Up to 8GB (32-bit data)
with inline ECC
DDRSS3
Up to 8GB (32-bit data)
with inline ECC
Up to 8GB (32-bit data)
with inline ECC
SECDED
Yes
Yes
General-Purpose Memory Controller
GPMC
Up to 1GB with ECC
Up to 1GB with ECC
PERIPHERALS
Display Subsystem
DSS
Yes
Yes
DSI 4L TX
2
2
eDP 4L
1
1
DPI
1
1
Modular Controller Area Network Interface with Full
CAN-FD Support
MCAN
20
20
General-Purpose I/O
GPIO
155
155
Inter-Integrated Circuit Interface
I2C
10
10
Improved Inter-Integrated Circuit Interface
I3C
1
1
Analog-to-Digital Converter
ADC
2
2
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com