| Electronic Components Datasheet Search |
|
AM69AX Datasheet(PDF) 102 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69AX Datasheet(HTML) 102 Page - Texas Instruments |
|
102 / 299 page ![]() Table 6-55. UART4 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] UART4_CTSn I UART Clear to Send (active low) AB38, AG35, AK33 UART4_RTSn O UART Request to Send (active low) AB36, AC34, AH36 UART4_RXD I UART Receive Data AB34, AE35, AF37, AL34 UART4_TXD O UART Transmit Data AA33, AC35, AF33, AG37 Table 6-56. UART5 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] UART5_CTSn I UART Clear to Send (active low) AB34, AJ36 UART5_RTSn O UART Request to Send (active low) AA33, AF34 UART5_RXD I UART Receive Data AC38, AF35, AJ33 UART5_TXD O UART Transmit Data AA32, AD34, AG36 Table 6-57. UART6 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] UART6_CTSn I UART Clear to Send (active low) AF38 UART6_RTSn O UART Request to Send (active low) AE38 UART6_RXD I UART Receive Data AC36, AG33, AK37 UART6_TXD O UART Transmit Data AE36, AH33, AJ37 Table 6-58. UART7 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] UART7_CTSn I UART Clear to Send (active low) AB34 UART7_RTSn O UART Request to Send (active low) AA33 UART7_RXD I UART Receive Data AC38, AJ36, AL32 UART7_TXD O UART Transmit Data AA32, AF34, AJ34 Table 6-59. UART8 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] UART8_CTSn I UART Clear to Send (active low) AF37 UART8_RTSn O UART Request to Send (active low) AG37 UART8_RXD I UART Receive Data AB38, AE34, AK35, AP38 UART8_TXD O UART Transmit Data AB36, AK38, AL33, AN38 Table 6-60. UART9 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] UART9_CTSn I UART Clear to Send (active low) AK33, AK37 UART9_RTSn O UART Request to Send (active low) AC34, AJ34 UART9_RXD I UART Receive Data AC32, AG34 UART9_TXD O UART Transmit Data AC37, AK36 6.3.8.2 MCU Domain Table 6-61. MCU_UART0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] MCU_UART0_CTSn I UART Clear to Send (active low) F33, H37 MCU_UART0_RTSn O UART Request to Send (active low) G33, K37 MCU_UART0_RXD I UART Receive Data D31, K38, M38 AM69A SPRSP92 – FEBRUARY 2023 www.ti.com 102 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM69A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |