| Electronic Components Datasheet Search |
|
AM69AX Datasheet(PDF) 107 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69AX Datasheet(HTML) 107 Page - Texas Instruments |
|
107 / 299 page ![]() Table 6-76. EPWM Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] EHRPWM_TZn_IN2 I EHRPWM Trip Zone Input 2 (active low) AK35 EHRPWM_TZn_IN3 I EHRPWM Trip Zone Input 3 (active low) AC35 EHRPWM_TZn_IN4 I EHRPWM Trip Zone Input 4 (active low) AF36 EHRPWM_TZn_IN5 I EHRPWM Trip Zone Input 5 (active low) AJ37 Table 6-77. EPWM0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] EHRPWM0_A IO EHRPWM Output A AA32, AE38, AM37 EHRPWM0_B IO EHRPWM Output B AC38, AF38 EHRPWM0_SYNCI I Sync Input to EHRPWM module from an external pin AH38 EHRPWM0_SYNCO O Sync Output to EHRPWM module to an external pin AG37 Table 6-78. EPWM1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] EHRPWM1_A IO EHRPWM Output A AA33, AE36, AP38 EHRPWM1_B IO EHRPWM Output B AB34, AC33 Table 6-79. EPWM2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] EHRPWM2_A IO EHRPWM Output A AB36, AF37, AN38 EHRPWM2_B IO EHRPWM Output B AB38, AK38 Table 6-80. EPWM3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] EHRPWM3_A IO EHRPWM Output A AC38, AE35, AM35 EHRPWM3_B IO EHRPWM Output B AF35 EHRPWM3_SYNCI I Sync Input to EHRPWM module from an external pin AH36 EHRPWM3_SYNCO O Sync Output to EHRPWM module to an external pin AG35 Table 6-81. EPWM4 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] EHRPWM4_A IO EHRPWM Output A AB34, AJ36, AM36 EHRPWM4_B IO EHRPWM Output B AH37 Table 6-82. EPWM5 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] EHRPWM5_A IO EHRPWM Output A AB38, AG38 EHRPWM5_B IO EHRPWM Output B AK34 6.3.16 USB 6.3.16.1 MAIN Domain Table 6-83. USB0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] USB0_DM IO USB 2.0 Differential Data (negative) AP16 USB0_DP IO USB 2.0 Differential Data (positive) AP17 USB0_DRVVBUS O USB VBUS Control Output (active high) AE35, AL32, AN37 www.ti.com AM69A SPRSP92 – FEBRUARY 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 107 Product Folder Links: AM69A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |