| Electronic Components Datasheet Search |
|
AM69AX Datasheet(PDF) 121 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69AX Datasheet(HTML) 121 Page - Texas Instruments |
|
121 / 299 page ![]() Table 6-111. MCU_OSPI0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] MCU_OSPI0_CSn0 O OSPI Chip Select 0 (active low) A32 MCU_OSPI0_CSn1 O OSPI Chip Select 1 (active low) A33 MCU_OSPI0_CSn2 O OSPI Chip Select 2 (active low) B34, C31 MCU_OSPI0_CSn3 O OSPI Chip Select 3 (active low) C32, F31 MCU_OSPI0_D0 IO OSPI Data 0 B33 MCU_OSPI0_D1 IO OSPI Data 1 B32 MCU_OSPI0_D2 IO OSPI Data 2 C33 MCU_OSPI0_D3 IO OSPI Data 3 C35 MCU_OSPI0_D4 IO OSPI Data 4 D33 MCU_OSPI0_D5 IO OSPI Data 5 D34 MCU_OSPI0_D6 IO OSPI Data 6 E34 MCU_OSPI0_D7 IO OSPI Data 7 E33 MCU_OSPI0_RESET_OUT0 O OSPI Reset B34, C31 MCU_OSPI0_RESET_OUT1 O OSPI Reset C32, G33 Table 6-112. MCU_OSPI1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] MCU_OSPI1_CLK O OSPI Clock F32 MCU_OSPI1_DQS I OSPI Data Strobe (DQS) or Loopback Clock Input F31 MCU_OSPI1_LBCLKO IO OSPI Loopback Clock Output C31 MCU_OSPI1_CSn0 O OSPI Chip Select 0 (active low) G32 MCU_OSPI1_CSn1 O OSPI Chip Select 1 (active low) G33 MCU_OSPI1_D0 IO OSPI Data 0 E35 MCU_OSPI1_D1 IO OSPI Data 1 D31 MCU_OSPI1_D2 IO OSPI Data 2 G31 MCU_OSPI1_D3 IO OSPI Data 3 F33 6.3.30 Hyperbus 6.3.30.1 MCU Domain Table 6-113. MCU_HYPERBUS0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] MCU_HYPERBUS0_CK O Hyperbus Differential Clock (positive) E32 MCU_HYPERBUS0_CKn O Hyperbus Differential Clock (negative) D32 MCU_HYPERBUS0_INTn I Hyperbus Interrupt (active low) C32, F31 MCU_HYPERBUS0_RESETn O Hyperbus Reset (active low) Output A33 MCU_HYPERBUS0_RESETOn I Hyperbus Reset Status Indicator (active low) from Hyperbus Memory B34, C31 MCU_HYPERBUS0_RWDS IO Hyperbus Read-Write Data Strobe C34 MCU_HYPERBUS0_WPn O Hyperbus Write Protect (Not in use) B34, C32, G33 MCU_HYPERBUS0_CSn0 O Hyperbus Chip Select 0 A32 MCU_HYPERBUS0_CSn1 O Hyperbus Chip Select 1 B34, G33 MCU_HYPERBUS0_DQ0 IO Hyperbus Data 0 B33 MCU_HYPERBUS0_DQ1 IO Hyperbus Data 1 B32 MCU_HYPERBUS0_DQ2 IO Hyperbus Data 2 C33 MCU_HYPERBUS0_DQ3 IO Hyperbus Data 3 C35 MCU_HYPERBUS0_DQ4 IO Hyperbus Data 4 D33 www.ti.com AM69A SPRSP92 – FEBRUARY 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 121 Product Folder Links: AM69A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |