| Electronic Components Datasheet Search |
|
AM69AX Datasheet(PDF) 173 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69AX Datasheet(HTML) 173 Page - Texas Instruments |
|
173 / 299 page ![]() 7.10.4 Clock Specifications 7.10.4.1 Input and Output Clocks / Oscillators Various external clock inputs/outputs are needed to drive the device. Summary of these input clock signals is as follows: • High frequency oscillators inputs – OSC1_XO/OSC1_XI — external main crystal interface pins connected to internal oscillator which sources reference clock. Provides reference clock to PLLs within MCU domain and MAIN domain. This high- frequency oscillator is used to provide audio clock frequencies to MCASPs. – WKUP_OSC0_XO/WKUP_OSC0_XI — external main crystal interface pins connected to internal oscillator which sources reference clock. Provides reference clock to PLLs within WKUP and MAIN domain. • Low frequency digital input – WKUP_LF_CLKIN - Low Frequency 32k digital clock input, optionally sourced from an external PMIC or other clock source. This SoC does not support a LFOSC crystal input. • General purpose clock inputs – MCU_EXT_REFCLK0 - optional external System clock input (MCU domain). – EXT_REFCLK1 — optional external System clock input (MAIN domain). • Peripheral clocks - refer to the Signal Descriptions for peripheral specific clocks For more information about Input clock interfaces, see Clocking section in Device Configuration chapter in the device TRM. 7.10.4.1.1 WKUP_OSC0 Internal Oscillator Clock Source Figure 7-23 shows the recommended crystal circuit. All discrete components used to implement the oscillator circuit should be placed as close as possible to the WKUP_OSC0_XI and WKUP_OSC0_XO pins. Device WKUP_OSC0_XO WKUP_OSC0_XI C f1 Crystal Rd C f2 (Optional) J7ES_WKUP_OSC_INT_02 Rbias (Optional) PCB Ground Figure 7-23. WKUP_OSC0 Crystal Implementation The crystal must be in the fundamental mode of operation and parallel resonant. Table 7-21 summarizes the required electrical constraints. Table 7-21. WKUP_OSC0 Crystal Electrical Characteristics PARAMETER MIN TYP MAX UNIT Fxtal Crystal Parallel Resonance Frequency 19.2, 20, 24, 25, 26, 27 MHz www.ti.com AM69A SPRSP92 – FEBRUARY 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 173 Product Folder Links: AM69A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |