Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C02-F Datasheet(PDF) 19 Page - STMicroelectronics

Part # M24C02-F
Description  1-Kbit and 2-Kbit serial I²C bus EEPROMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M24C02-F Datasheet HTML 15Page - STMicroelectronics M24C02-F Datasheet HTML 16Page - STMicroelectronics M24C02-F Datasheet HTML 17Page - STMicroelectronics M24C02-F Datasheet HTML 18Page - STMicroelectronics M24C02-F Datasheet HTML 19Page - STMicroelectronics M24C02-F Datasheet HTML 20Page - STMicroelectronics M24C02-F Datasheet HTML 21Page - STMicroelectronics M24C02-F Datasheet HTML 22Page - STMicroelectronics M24C02-F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
Table 9. Input parameters
Symbol
Parameter(1)
Test condition
Min.
Max.
Unit
CIN
Input capacitance (SDA)
-
-
8
pF
CIN
Input capacitance (other pins)
-
-
6
pF
ZL
Input impedance (Ei, WC)
VIN < 0.3 VCC
15
70
kΩ
ZH
VIN > 0.7 VCC
500
-
kΩ
1. Evaluated by characterization – Not tested in production.
Table 10. Cycling performance
Symbol
Parameter
Test condition
Max.
Unit
Ncycle
Write cycle endurance(1)
TA ≤ 25 °C, VCC(min) < VCC < VCC(max)
4,000,000
Write cycle
TA = 85 °C, VCC(min) < VCC < VCC(max)
1,200,000
1. A write cycle is executed when either a page write or a byte write instruction is decoded.
Table 11. Memory cell data retention
Parameter
Test condition
Min.
Unit
Data retention(1)
TA = 55 °C
200
Year
1. The data retention behaviour is checked in production, while the 200-year limit is defined from characterization and
qualification results.
M24C01/02-W M24C01/02-R M24C02-F
DC and AC parameters
DS9398 - Rev 7
page 19/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com