| Electronic Components Datasheet Search |
|
M24C02-F Datasheet(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C02-F Datasheet(HTML) 37 Page - STMicroelectronics |
|
37 / 41 page ![]() Contents 1 Description ........................................................................2 2 Signal description .................................................................4 2.1 Serial clock (SCL) .............................................................. 4 2.2 Serial data (SDA) .............................................................. 4 2.3 Chip enable (E2, E1, E0) ........................................................ 4 2.4 Write control (WC).............................................................. 4 2.5 VSS (ground) .................................................................. 4 2.6 Supply voltage (VCC) ........................................................... 4 2.6.1 Operating supply voltage (VCC).............................................. 4 2.6.2 Power-up conditions ...................................................... 5 2.6.3 Device reset ............................................................ 5 2.6.4 Power-down conditions .................................................... 5 3 Block diagram .....................................................................6 4 Device operation ..................................................................7 4.1 Start condition ................................................................. 8 4.2 Stop condition ................................................................. 8 4.3 Data input..................................................................... 8 4.4 Acknowledge bit (ACK).......................................................... 8 4.5 Device addressing.............................................................. 9 5 Instructions ......................................................................10 5.1 Write operations .............................................................. 10 5.1.1 Byte write ............................................................. 11 5.1.2 Page write............................................................. 12 5.1.3 Minimizing write delays by polling on ACK .................................... 13 5.2 Read operations .............................................................. 14 5.2.1 Random address read.................................................... 15 5.2.2 Current address read .................................................... 15 5.2.3 Sequential read......................................................... 15 6 Initial delivery state ...............................................................16 7 Maximum rating ..................................................................17 8 DC and AC parameters ...........................................................18 9 Package information..............................................................26 9.1 UFDFPN5 (DFN5) package information........................................... 26 9.1.1 UFDFPN5 recommended footprint .......................................... 27 M24C01/02-W M24C01/02-R M24C02-F Contents DS9398 - Rev 7 page 37/41 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |