Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL3025 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # QL3025
Description  25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL3025 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button QL3025 Datasheet HTML 9Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 10Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 11Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 12Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 13Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 14Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 15Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 16Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
© 2002 QuickLogic Corporation
www.quicklogic.com
13
•
•
•
•
•
•
QL3025 pASIC 3 FPGA Data Sheet Rev E
144 TQFP Pinout Diagram
Figure 8: Top View of 144 Pin TQFP
208 PQFP Pinout Diagram
Figure 9: Top View of 208 Pin PQFP
Pin 1
Pin 37
Pin 73
Pin 109
QL3025-1PF144C
pASIC 3
Pin 1
Pin 53
Pin 105
Pin 157
QL3025-1PQ208C
pASIC 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com