Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL3025 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QL3025
Description  25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL3025 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QL3025 Datasheet HTML 1Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL3025 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL3025 pASIC 3 FPGA Data Sheet Rev E
Architecture Overview
The QL3025 is a 25,000 usable PLD gate member of the pASIC 3 family of FPGAs.
pASIC 3 FPGAs are fabricated on a 0.35
µm four-layer metal process using QuickLogic's
patented ViaLinktechnology to provide a unique combination of high performance, high
density, low cost, and extreme ease-of-use.
The QL3025 contains 672 logic cells. With a maximum of 204 I/Os, the QL3025 is
available in 144-pin TQFP, 208-pin PQFP, and 256-pin PBGA packages.
Software support for the complete pASIC 3 family, including the QL3025, is available
through three basic packages. The turnkey QuickWorkspackage provides the most
complete FPGA software solution from design entry to logic synthesis, to place and route,
to simulation. The QuickToolsTM for Workstations package provides a solution for designers
who use Cadence, ExemplarTM, Mentor, Synopsys, Synplicity, ViewlogicTM, AldecTM,
or other third-party tools for design entry, synthesis, or simulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com