Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4066N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC4066N
Description  Quad bilateral switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4066N Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC4066N Datasheet HTML 1Page - NXP Semiconductors 74HC4066N Datasheet HTML 2Page - NXP Semiconductors 74HC4066N Datasheet HTML 3Page - NXP Semiconductors 74HC4066N Datasheet HTML 4Page - NXP Semiconductors 74HC4066N Datasheet HTML 5Page - NXP Semiconductors 74HC4066N Datasheet HTML 6Page - NXP Semiconductors 74HC4066N Datasheet HTML 7Page - NXP Semiconductors 74HC4066N Datasheet HTML 8Page - NXP Semiconductors 74HC4066N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1998 Nov 10
2
Philips Semiconductors
Product specification
Quad bilateral switches
74HC/HCT4066
FEATURES
• Very low “ON” resistance:
50
Ω (typ.) at VCC = 4.5 V
45
Ω (typ.) at VCC = 6.0 V
35
Ω (typ.) at VCC = 9.0 V
• Output capability: non-standard
• ICC category: SSI.
GENERAL DESCRIPTION
The 74HC/HCT4066 are high-speed Si-gate CMOS
devices and are pin compatible with the “4066” of the
“4000B” series. They are specified in compliance with
JEDEC standard no. 7A.
The 74HC/HCT4066 have four independent analog
switches. Each switch has two input/output terminals (nY,
nZ) and an active HIGH enable input (nE). When nE is
LOW the belonging analog switch is turned off.
The “4066” is pin compatible with the “4016” but exhibits a
much lower “ON” resistance. In addition, the “ON”
resistance is relatively constant over the full input signal
range.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf =6ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
a) PD =CPD × VCC2 × fi +∑ {(CL + CS)× VCC2 × fo} where:
b) fi = input frequency in MHz
c) fo = output frequency in MHz
d)
∑ {(CL + CS)× VCC2 × fo} = sum of outputs
e) CL = output load capacitance in pF
f) CS = maximum switch capacitance in pF
g) VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPZH/ tPZL
turn-on time nE to Vos
CL = 15 pF; RL =1kΩ; VCC = 5 V 11
12
ns
tPHZ/ tPLZ
turn-off time nE to Vos
13
16
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per switch
notes 1 and 2
11
12
pF
CS
max. switch capacitance
8
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com