Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4066N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC4066N
Description  Quad bilateral switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4066N Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC4066N Datasheet HTML 1Page - NXP Semiconductors 74HC4066N Datasheet HTML 2Page - NXP Semiconductors 74HC4066N Datasheet HTML 3Page - NXP Semiconductors 74HC4066N Datasheet HTML 4Page - NXP Semiconductors 74HC4066N Datasheet HTML 5Page - NXP Semiconductors 74HC4066N Datasheet HTML 6Page - NXP Semiconductors 74HC4066N Datasheet HTML 7Page - NXP Semiconductors 74HC4066N Datasheet HTML 8Page - NXP Semiconductors 74HC4066N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1998 Nov 10
3
Philips Semiconductors
Product specification
Quad bilateral switches
74HC/HCT4066
ORDERING INFORMATION
PIN DESCRIPTION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
74HC4066
DIP14
plastic dual in-line package; 14 leads (300 mil)
SOT27-1
74HC4066
SO14
plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
74HC4066
SSOP14
plastic shrink small outline package; 14 leads; body width 5.3 mm
SOT337-1
74HC4066
TSSOP14
plastic thin shrink small outline package; 14 leads; body width 4.4 mm SOT402-1
74HCT4066
DIP14
plastic dual in-line package; 14 leads (300 mil)
SOT27-1
74HCT4066
SO14
plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
74HCT4066
SSOP14
plastic shrink small outline package; 14 leads; body width 5.3 mm
SOT337-1
74HCT4066
TSSOP14
plastic thin shrink small outline package; 14 leads; body width 4.4 mm SOT402-1
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 4, 8, 11
1Y to 4Y
independent inputs/outputs
2, 3, 9, 10
1Z to 4Z
independent inputs/outputs
7
GND
ground (0 V)
13, 5, 6, 12
1E to 4E
enable inputs (active HIGH)
14
VCC
positive supply voltage
Fig.1 Pin configuration.
handbook, halfpage
MGR253
4066
1
2
3
4
5
6
7
8
14
13
12
11
10
9
1Y
1Z
2Z
2Y
2E
3E
GND
3Y
3Z
4Z
4Y
4E
1E
VCC
Fig.2 Logic symbol.
handbook, halfpage
MGR254
13
1
1Y
2
1Z
4
2Y
3
2Z
8
3Y
9
3Z
11
4Y
10
4Z
1E
52E
63E
12
4E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com