Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC000565 Datasheet(PDF) 4 Page - Amphenol Sine Systems Corp.

Part # SC000565
Description  Panel Rack Mount Power Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

SC000565 Datasheet(HTML) 4 Page - Amphenol Sine Systems Corp.

  SC000565 Datasheet HTML 1Page - Amphenol Sine Systems Corp. SC000565 Datasheet HTML 2Page - Amphenol Sine Systems Corp. SC000565 Datasheet HTML 3Page - Amphenol Sine Systems Corp. SC000565 Datasheet HTML 4Page - Amphenol Sine Systems Corp. SC000565 Datasheet HTML 5Page - Amphenol Sine Systems Corp. SC000565 Datasheet HTML 6Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.amphenol-sine.com
www.amphenol-sine.com
PRM Series™ 2.4mm Plug Dimensions
CONTACT HOUSING
RETAINER CLIP
CUSTOM LASER
ENGRAVING AVAILABLE
0.56 [14.20]
0.36 [9.27]
1.04 [26.54]
SURESOCKET™
FEMALE SOCKETS
PRM Series™ 2.4mm Panel Dimensions
0.38 [9.65]
0.75 [19.05]
0.60 [15.24]
THREADED MALE PIN
CRIMP MALE PIN
CONTACT HOUSING
PRM Series™ 4.0mm Plug Dimensions
CONTACT HOUSING
RETAINER CLIP
CUSTOM LASER
ENGRAVING AVAILABLE
PRM0400
RADSOK®
FEMALE SOCKETS
0.38 [9.7]
1.35 [34.2]
1.38 [35.1]
PRM Series™ 4.0mm Panel Dimensions
THREADED MALE PIN
CRIMP MALE PIN
DEAD
FRONT
CONTACT HOUSING
0.25
0.30
0.55
0.69
0.44
1.38
1.11
Ø0.13
4 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com