Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC000565 Datasheet(PDF) 5 Page - Amphenol Sine Systems Corp.

Part # SC000565
Description  Panel Rack Mount Power Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

SC000565 Datasheet(HTML) 5 Page - Amphenol Sine Systems Corp.

  SC000565 Datasheet HTML 1Page - Amphenol Sine Systems Corp. SC000565 Datasheet HTML 2Page - Amphenol Sine Systems Corp. SC000565 Datasheet HTML 3Page - Amphenol Sine Systems Corp. SC000565 Datasheet HTML 4Page - Amphenol Sine Systems Corp. SC000565 Datasheet HTML 5Page - Amphenol Sine Systems Corp. SC000565 Datasheet HTML 6Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.amphenol-sine.com
www.amphenol-sine.com
Confidence In Every Connection
The unique design of our SureSocket™ Contacts, available in 2.4mm with a wire range of 10-20AWG, provides
a secure 360° of mating surface area to its mated machined pin. This distributes even forces over a high
percentage of the mating surface, creating a smooth, even engagement effort with low insertion and extraction
forces as well as low contct resistence. This also contributes to excellent performance in vibration applications
with resistance to typical fretting corrosion.
Key Features
•
Longer contact life
•
Low contact resistence
•
Low insertion & extraction forces
Technical Specifications
Operating Temperature -40°C to +125°C
Contact Body Copper Alloy, Silver-Plated
Contact Spring Copper Alloy, Gold Flash
Max. Current (AMP) Socket #SC000612 / 35A / 10-12AWG
Socket #SC000624 / 25A / 12-14AWG
Socket #SC000692 / 16A / 14-16AWG
Socket #SC000706 / 12A / 18-20AWG
Termination Type Crimp
Mating Cycles <500 matings and unmatings
RoHS Compliant
Derating Curves - IEC 60512-5-2 Test 5b
Pin #SC000611, Socket #SC000612, Wire 10AWG 105°C
Pin Contact #SC000611, Socket Contact #SC000612, Wire, 10AWG 105°C
IEC 60512-5-2 Test 5b
60
Current
(A)
Max Temp of
Component
tg
50
40
30
20
10
0
0°C
80°C
Δ t
Δ t=tb-tu
70°C 60°C 50°C 40°C 30°C 20°C 10°C
Contact Rating - 50A
105°C Wire
170°C
20°C 40°C 60°C
Operating Range
Derating Curve
Base Curve
80°C 100°C 120°C 140°C 160°C 180°C
SureSocket™
Power Contact Technology
•
Increased immunity to shock & vibration
•
Contact Area Extends 360° Around Pins
•
Higher amperage in a compact design
Socket #SC000612 Dimensions
Socket #SC000692 Dimensions
Socket #SC000624 Dimensions
Socket #SC000706 Dimensions
5 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com