Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE2004DIE2 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STE2004DIE2
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004DIE2 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STE2004DIE2 Datasheet HTML 54Page - STMicroelectronics STE2004DIE2 Datasheet HTML 55Page - STMicroelectronics STE2004DIE2 Datasheet HTML 56Page - STMicroelectronics STE2004DIE2 Datasheet HTML 57Page - STMicroelectronics STE2004DIE2 Datasheet HTML 58Page - STMicroelectronics STE2004DIE2 Datasheet HTML 59Page - STMicroelectronics STE2004DIE2 Datasheet HTML 60Page - STMicroelectronics STE2004DIE2 Datasheet HTML 61Page - STMicroelectronics STE2004DIE2 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 66 page
background image
STE2004
58/66
Figure 72. I2C-bus timings
AC OPERATION (continued)
(VDD1 = 1.7 to 3.6 V; VDD2 = 1.75 to 4.5 V; Vss1,2 = 0V; VLCD = 4.5 to 15 V; Tamb =-40 to 85°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
I2C BUS INTERFACE (See note 4, 7)
FSCL
SCL Clock Frequency
Fast Mode
DC
400
kHz
High Speed Mode; Cb=100pF
(max);note 6;VDD1=2
DC
3.4
MHz
High Speed Mode; Cb=400pF
(max);note 6; VDD1=2
DC
1.7
MHz
Fast Mode; note 6; VDD1=1.7V
400
KHz
TSU;STA
Set-up time (repeated) START
Condition
Note 2,3, Cb = 100pF
160
ns
THD;STA
Hold Time (repeated) START
Condition
Note 2,3, Cb = 100pF
160
ns
TLOW
Low Period of SCLH Clock
Note 2,3, Cb = 100pF
160
ns
THIGH
HIGH Period of SCLH Clock
Note 2,3, Cb = 100pF
160
ns
TSU;DAT
Data set-up Time
Note 2,3, Cb = 100pF
60
ns
THD;DAT
Data Hold Time
Note 2,3, Cb = 100pF
10
ns
Tr;CL
Rise Time of SCLH Signal
Note 2,3, Cb = 100pF
10
ns
Tr;CL1
Rise Time of SCLH Signal after
a repeated START condition
and aftyer an Acknowledge bit
Note 2,3, Cb = 100pF
10
ns
Tf;CL
Fall time of SCLH signal
Note 2,3, Cb = 100pF
10
ns
Tr;DA
Rise time of SCLH signal
Note 2,3, Cb = 100pF
10
ns
Tf;DA
Fall time of SDAH signal
Note 2,3, Cb = 100pF
10
80
ns
Tr;DA
Rise Time of SDAH signal
Note 2,3, Cb = 400pF
20
ns
Tf;DA
Fall Time of SDAH signal
Note 2,3, Cb = 400pF
20
160
ns
TSU;STO
Setup Time for STOP condition
Note 2,3, Cb = 100pF
160
ns
Cb
Capacitive Load for SDAH and
SCLH
100
400
pF
Cb
Capacitive Load for SDAH
+SDA line and SCLH +SCL Line
400
pF
Sr
SCLH
SDAH
LR0093
tfDA
trDA
tSU;STA
tHD;STA
tHD;DAT
tSU;DAT
tLOW
trCL1
trCL
tHIGH
tHIGH
tLOW
Sr P
trCL1
tfCL
(1)
(1)
= MCS current source pull-up
= Rp resistor pull-up
Table 23 Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com