Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE2004DIE2 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STE2004DIE2
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004DIE2 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STE2004DIE2 Datasheet HTML 22Page - STMicroelectronics STE2004DIE2 Datasheet HTML 23Page - STMicroelectronics STE2004DIE2 Datasheet HTML 24Page - STMicroelectronics STE2004DIE2 Datasheet HTML 25Page - STMicroelectronics STE2004DIE2 Datasheet HTML 26Page - STMicroelectronics STE2004DIE2 Datasheet HTML 27Page - STMicroelectronics STE2004DIE2 Datasheet HTML 28Page - STMicroelectronics STE2004DIE2 Datasheet HTML 29Page - STMicroelectronics STE2004DIE2 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
STE2004
26/66
4
BUS INTERFACES
To provide the widest flexibility and ease of use the STE2004 features Six different methods for interfacing
the host Controller. To select the desired interface the SEL1, SEL2 and SEL3 pads need to be connected
to a logic LOW (connect to GND) or a logic HIGH (connect to VDD). All the I/O pins of the unused inter-
faces must be connected to GND.
All interfaces are working while the STE2004 is in Power Down.
Table 7.
4.1 I2C Interface
The I2C interface is a fully complying I2C bus specification, selectable to work in both Fast (400kHz Clock)
and High Speed Mode (3.4MHz).
This bus is intended for communication between different Ics. It consists of two lines: one bi-directional for
data signals (SDA) and one for clock signals (SCL). Both the SDA and SCL lines must be connected to a
positive supply voltage via an active or passive pull-up.
The following protocol has been defined:
- Data transfer may be initiated only when the bus is not busy.
- During data transfer, the data line must remain stable whenever the clock line is high. Changes in the
data line
while the clock line is high will be interpreted as control signals.
Accordingly, the following bus conditions have been defined:
BUS not busy: Both data and clock lines remain High.
Start Data Transfer: A change in the state of the data line, from High to Low, while the clock is High, de-
fine the START condition.
Stop Data Transfer: A Change in the state of the data line, from low to High, while the clock signal is High,
defines the STOP condition.
Data Valid: The state of the data line represents valid data when after a start condition, the data line is
stable for the duration of the High period of the clock signal. The data on the line may be changed during
the Low period of the clock signal. There is one clock pulse per bit of data.
Each data transfer is initiated with a start condition and terminated with a stop condition. The number of
data bytes transferred between the start and the stop conditions is not limited. The information is transmit-
ted byte-wide and each receiver acknowledges with the ninth bit.
By definition, a device that gives out a message is called "transmitter", the receiving device that gets the
signals is called "receiver". The device that controls the message is called "master". The devices that are
controlled by the master are called "slaves"
Acknowledge. Each byte of eight bits is followed by one acknowledge bit. This acknowledge bit is a low
level put on the bus by the receiver, whereas the master generates an extra acknowledge related clock
pulse.
A slave receiver which is addressed must generate an acknowledge after the reception of each byte. Also,
a master receiver must generate an acknowledge after the reception of each byte that has been clocked
SEL3
SEL2
SEL1
Interface
Note
00
0
I2C
Read and Write; Fast and
High Speed Mode
0
0
1
SPI 4 lines 8 bit
Read and Write
0
1
0
SPI 3 lines 8 bit
Read and Write
0
1
1
Serial 3 lines 9 bit
Read and Write
1
0
0
Parallel 8080-series
Read and Write
1
0
1
Parallel 68000-series
Read and Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com