Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSAM265SF Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSAM265SF
Description  CompactSPEECH Digital Speech Processors
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSAM265SF Datasheet(HTML) 1 Page - National Semiconductor (TI)

  NSAM265SF Datasheet HTML 1Page - National Semiconductor (TI) NSAM265SF Datasheet HTML 2Page - National Semiconductor (TI) NSAM265SF Datasheet HTML 3Page - National Semiconductor (TI) NSAM265SF Datasheet HTML 4Page - National Semiconductor (TI) NSAM265SF Datasheet HTML 5Page - National Semiconductor (TI) NSAM265SF Datasheet HTML 6Page - National Semiconductor (TI) NSAM265SF Datasheet HTML 7Page - National Semiconductor (TI) NSAM265SF Datasheet HTML 8Page - National Semiconductor (TI) NSAM265SF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
TLEE12378
PRELIMINARY
November 1995
NSAM265SRNSAM265SF
CompactSPEECH
TM Digital Speech Processors
General Description
The NSAM265SR and the NSAM265SF are members of
National
Semiconductor’s
CompactSPEECH
Digital
Speech processors family These processors provide Digital
Answering Machine (DAM) functionality to embedded sys-
tems Both processors are based on the NSAM265
Unless specified otherwise all references to the Compact-
SPEECH processor in this document apply to both the
NSAM265SR and the NSAM265SF
The CompactSPEECH processor integrates the functions of
a traditional Digital Signal Processing (DSP) chip and a 16-
bit CompactRISCTM embedded Risc processor core The
device contains system support functions such as DRAM
Controller
Interrupt Control Unit
Codec Interface
MI-
CROWlRETM interface WATCHDOGTM timer and a Clock
Generator
The CompactSPEECH processor operates as a slave pe-
ripheral that is controlled by an external microcontroller via
a serial MICROWIRE interface In a typical DAM environ-
ment the microcontroller controls the analog circuits but-
tons and display and activates the CompactSPEECH by
sending it commands The CompactSPEECH processor ex-
ecutes the commands and returns status information to the
microcontroller
The CompactSPEECH firmware implements voice compres-
sion and decompression tone detection and generation
message storage management on-chip speech synthesis
for time and day stamp and support for user-defined voice
prompts in various languages
The NSAM265SR CompactSPEECH supports DRAM
ARAM for message storage while the NSAM265SF sup-
ports FLASHAFLASH In all other respects the processors
are identical
The CompactSPEECH implements echo cancellation tech-
niques to support improved DTMF tone detection during
message playback
The CompactSPEECH supports speech synthesis the tech-
nology used to create voice prompts from predefined words
and phrases stored in a vocabulary
The CompactSPEECH can synthesize messages in various
languages in addition to the on-chip English vocabulary via
the International Vocabulary Support (IVS) mechanism Syn-
thesized messages can be stored on an external ROM One
ROM can contain several vocabularies in various lan-
guages The NSAM265SF can also store vocabularies on
FLASH memory DAM manufacturers can thus create ma-
chines that ‘‘speak’’ in different languages simply by using
other vocabularies For more details about IVS refer to the
IVS User’s Manual
Features
Y
Designed around National’s 16-bit CompactRISC proc-
essor
Y
16-bit architecture and implementation
Y
2048 MHz operation
Y
On-chip DSP Module (DSPM) for high speed DSP
operations
Y
On-chip Codec clock generation and interface
Y
Power-down mode
Y
MICROWIRE interface to an external microcontroller
Y
Storage and management of messages
Y
Programmable message tag for message categoriza-
tion eg
Mailboxes InComing Messages (ICM) Out-
Going Messages (OGM)
Y
Skip forward or backward during message playback
Y
Variable speed playback
Y
Built-in vocabulary for speech synthesis and support
for external vocabularies using expansion ROM
Y
Multi-lingual speech synthesis using International Vo-
cabulary Support (IVS)
Y
DTMF and single tone generation and detection
Y
DTMF tone detection during OutGoing Message play-
back
Y
Telephone line functions including busy and dial tone
detection
Y
Real-time clock
Y
Direct access to message memory
Y
Supports long-frame and short-frame codecs
Y
Available in PLCC 68-pin and PQFP 100-pin packages
NSAM265SR only
Y
On-chip ARAMDRAM Controller for 4-Mbit (1M x 4)
and 16-Mbit (4M x 4) devices
Y
15 minutes recording on a 4-Mbit ARAM
Y
Supports various ARAM configurations No glue logic
required
Y
Storage of up to 1600 messages
Y
Production diagnostics support
NSAM265SF only
Y
Supports
4-Mbit
and
8-Mbit
byte
wide
FLASH
AFLASH devices
Y
Up to 15 minutes recording on a 4-Mbit FLASH
Y
Supports various AFLASH configurations No glue logic
required for a single AFLASH configuration
Y
The number of messages that can be stored is limited
only by memory size
Y
Supports prerecorded IVS and OGM on FLASH
TRI-STATE
is a registered trademark of National Semiconductor Corporation
CompactSPEECHTM CompactRISCTM MICROWIRETM and WATCHDOGTM are trademarks of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - NSAM265SF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NSAM266SA NSC-NSAM266SA Datasheet
571Kb / 52P
NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
NSAM266SAA NSC-NSAM266SAA Datasheet
571Kb / 52P
NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
NSAM266SAA/V NSC-NSAM266SAA/V Datasheet
571Kb / 52P
NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
NSAM266SVLJ NSC-NSAM266SVLJ Datasheet
571Kb / 52P
NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
More results

Similar Description - NSAM265SF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
DIGITAL SIGNAL PROCESSORS
logo
List of Unclassifed Man...
ISD-T267SP ETC-ISD-T267SP Datasheet
4Mb / 100P
DIGITAL SPEECH PROCESSOR
logo
Texas Instruments
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
DIGITAL SIGNAL PROCESSORS
logo
List of Unclassifed Man...
80-0213-B ETC1-80-0213-B Datasheet
502Kb / 2P
SPEECH AND MUSIC PROCESSORS
logo
Texas Instruments
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
Digital Signal Processors
logo
List of Unclassifed Man...
SC-6X ETC2-SC-6X Datasheet
169Kb / 2P
SPEECH AND MUSIC PROCESSORS
logo
Texas Instruments
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com