| Electronic Components Datasheet Search |
|
NSAM265SF Datasheet(PDF) 14 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
NSAM265SF Datasheet(HTML) 14 Page - National Semiconductor (TI) |
|
14 / 58 page ![]() 20 Functional Description (Continued) TLEE12378 – 6 FIGURE 2-3 Codec Protocol - Short Frame TLEE12378 – 7 FIGURE 2-4 Codec Protocol - Long Frame 25 DRAMARAM Access (NSAM265SR) Reading from DRAM A read bus cycle starts at T1 when the row address is driv- en on the address bus and the data bus is in TRI-STATE DWE is inactive (1) throughout the bus cycle One idle cycle (TI) is guaranteed before a DRAM bus cycle In the next clock cycle (T2W1) RAS is asserted (0) T2W2 and T2W3 follow the T2W1 bus cycle At T2W3 the column address is driven onto the address bus A(010) (RA11 is in TRI-STATE) Six T2W cycles and one T2 cycle follow At the first T2W cycle the CAS signal is asserted (0) At the end of T2 the NSAM265SR samples the data The bus cycle is terminated with a T3 cycle when RAS and CAS signals become inactive (1) To ensure enough DRAM pre-charge time the DRAM read bus cycle is separated by at least three clock cycles from any other DRAM bus cycle (read write or refresh) Other bus cycles can start after at least one TI (Idle) cycle For more details refer to the timing diagram Figure A-10 and ACDC specifications in ELECTRICAL CHARACTERIS- TICS Writing to DRAM A write bus cycle starts at T1 when the row address is driven on the address bus and the data bus is in TRI- STATE One idle cycle (TI) is guaranteed before a DRAM bus cycle In the next clock cycle (T2W1) RAS is asserted (0) and the data is available on the data bus (except for D2) T2W2 and T2W3 follow the T2W1 cycle At T2W2 DWE is asserted (0) to indicate the write operation In the next cycle (T2W3) the column address is driven onto the address bus A(010) and RA11 Then six T2W cycles and one T2 cycle follow At the first T2W cycle CAS is asserted (0) The bus cycle is terminated by a T3 cycle when DWE RAS and CAS signals become inactive (1) To provide enough DRAM pre-charge time the DRAM write bus cycle is sepa- rated by at least three clock cycles from any other DRAM bus cycle (read write or refresh) Other bus cycles can start after at least one TI cycle For more details refer to the timing diagram Figure A-11 and ACDC specifications in ELECTRICAL CHARACTERIS- TICS 251 Refreshing a DRAMARAM The NSAM265SR generates DRAM refresh bus cycles in both normal operation and power-down modes In both cas- es a clock generated by the clock generator sets the re- fresh rate to of the oscillator frequency 14 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |