Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1871 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SA1871
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1871 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SA1871 Datasheet HTML 1Page - Renesas Technology Corp 2SA1871 Datasheet HTML 2Page - Renesas Technology Corp 2SA1871 Datasheet HTML 3Page - Renesas Technology Corp 2SA1871 Datasheet HTML 4Page - Renesas Technology Corp 2SA1871 Datasheet HTML 5Page - Renesas Technology Corp 2SA1871 Datasheet HTML 6Page - Renesas Technology Corp 2SA1871 Datasheet HTML 7Page - Renesas Technology Corp 2SA1871 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
'DWD 6KHHW'(-9'6

2SA1871
(/(&75,&$/ &+$5$&7(5,67,&6 7D
°°°°&
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−600 V, IE = 0
–10
µA
Emitter cutoff current
IEBO
VEB =
−7.0 V, IC = 0
–10
µA
DC current gain
hFE1
VCE =
−5.0 V, IC = −0.1 A
30
60
120
–
DC current gain
hFE2
VCE =
−5.0 V, IC = −0.5 A
520
–
Collector saturation voltage
VCE(sat)
IC =
−300 mA, IB = −60 mA
–0.3
–1.0
V
Base saturation voltage
VBE(sat)
IC =
−300 mA, IB = −60 mA
–0.85
–1.2
V
Gain bandwidth product
fT
VCE =
−10 V, IE = 50 mA
30
MHz
Output capacitance
Cob
VCB =
−10 V, IE = 0, f = 1.0 MHz
40
pF
Turn-on time
ton
0.1
0.5
µs
Storage time
tstg
3.5
5.0
µs
Fall time
tf
IC =
−0.5 A, VCC = −250 V
IB1 =
−IB2 = −0.1 A,
RL = 500
Ω,
0.1
0.5
µs
KFE &/$66,),&$7,21
Marking
GA1
GA2
GA3
hFE1
30 to 60
40 to 80
60 to 120
7<3,&$/&+$5$&7(5,67,&6 7D
°°°°&



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com