Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1897 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SA1897
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1897 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SA1897 Datasheet HTML 1Page - Renesas Technology Corp 2SA1897 Datasheet HTML 2Page - Renesas Technology Corp 2SA1897 Datasheet HTML 3Page - Renesas Technology Corp 2SA1897 Datasheet HTML 4Page - Renesas Technology Corp 2SA1897 Datasheet HTML 5Page - Renesas Technology Corp 2SA1897 Datasheet HTML 6Page - Renesas Technology Corp 2SA1897 Datasheet HTML 7Page - Renesas Technology Corp 2SA1897 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1998
©
Document No. D16145EJ1V0DS00 (1st edition)
Date Published April 2002 N CP(K)
Printed in Japan
SILICON TRANSISTOR
2SA1897
PNP SILICON EPITAXIAL TRANSISTOR
FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The 2SA1897 features a low saturation voltage and is available
for high current control in small dimension. This transistor is ideal
for high efficiency DC/DC converters due to fast switching speed.
FEATURES
•
High current capacitance
•
Low collector saturation voltage and high hFE
•
Insulation type package supportable for radial taping
QUALITY GRADES
• Standard
Please refer to “Quality Grades on NEC Semiconductor Devices”
(Document No. C11531E) published by NEC Corporation to
know the specification of quality grade on the devices and its
recommended applications.
PACKAGE DRAWING (UNIT: mm)
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
Ratings
Unit
Collector to base voltage
VCBO
−30
V
Collector to emitter voltage
VCEO
−20
V
Emitter to base voltage
VEBO
−10
V
Collector current (DC)
IC(DC)
TC = 25
°C
−5.0
A
Collector current (pulse)
IC(pulse)
PW
≤ 10 ms, duty cycle ≤ 50 %
TC = 25
°C
−8.0
A
Base current (DC)
IB(DC)
−0.5
A
Total power dissipation
PT
1.0
W
Total power dissipation
PT
TC = 25
°C
6.0
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com