Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1897 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SA1897
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1897 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SA1897 Datasheet HTML 1Page - Renesas Technology Corp 2SA1897 Datasheet HTML 2Page - Renesas Technology Corp 2SA1897 Datasheet HTML 3Page - Renesas Technology Corp 2SA1897 Datasheet HTML 4Page - Renesas Technology Corp 2SA1897 Datasheet HTML 5Page - Renesas Technology Corp 2SA1897 Datasheet HTML 6Page - Renesas Technology Corp 2SA1897 Datasheet HTML 7Page - Renesas Technology Corp 2SA1897 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D16145EJ1V0DS
2
2SA1897
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−20 V, IE = 0
1.0
µA
Emitter cutoff current
IEBO
VEB =
−8.0 V, IC = 0
1.0
µA
DC current gain
hFE1
VCE =
−2.0 V, IC = −0.5 A
200
600
–
DC current gain
hFE2
VCE =
−2.0 V, IC = −4.0 A
160
–
Collector saturation voltage
VCE(sat)
IC =
−4.0 A, IB = −50 mA
−230
−250
mV
Base saturation voltage
VBE(sat)
IC =
−4.0 A, IB = −50 mA
−0.9
−1.2
V
Gain bandwidth product
fT
VCE = –5.0 V, IE = 1.5 A
180
MHz
Output capacitance
Cob
VCB = –10 V, IE = 0, f = 1.0 MHz
220
pF
Turn-on time
ton
400
ns
Storage time
tstg
300
ns
Fall time
tf
IC =
−5.0 A, VCC = −10 V
IB1 =
−IB1 = −125 mA,
RL = 2.0
Ω,
60
ns
hFE CLASSIFICATION
Marking
L
K
hFE1
200 to 400
300 to 600



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com