Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2012 Datasheet(PDF) 33 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 33 Page - TDK Electronics

Back Button C2012 Datasheet HTML 29Page - TDK Electronics C2012 Datasheet HTML 30Page - TDK Electronics C2012 Datasheet HTML 31Page - TDK Electronics C2012 Datasheet HTML 32Page - TDK Electronics C2012 Datasheet HTML 33Page - TDK Electronics C2012 Datasheet HTML 34Page - TDK Electronics C2012 Datasheet HTML 35Page - TDK Electronics C2012 Datasheet HTML 36Page - TDK Electronics C2012 Datasheet HTML 37Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
(33/57)
20230302 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
 
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: CH (–25 to +85°C, 0±60 ppm/°C)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
470 pF
1005
0.50±0.05
±10%
C1005CH1H471K050BA
±5%
C1005CH1H471J050BA
1608
0.80±0.10
±10%
C1608CH1H471K080AA
±5%
C1608CH1H471J080AA
560 pF
1005
0.50±0.05
±10%
C1005CH1H561K050BA
±5%
C1005CH1H561J050BA
1608
0.80±0.10
±10%
C1608CH1H561K080AA
±5%
C1608CH1H561J080AA
680 pF
1005
0.50±0.05
±10%
C1005CH1H681K050BA
±5%
C1005CH1H681J050BA
1608
0.80±0.10
±10%
C1608CH1H681K080AA
±5%
C1608CH1H681J080AA
820 pF
1005
0.50±0.05
±10%
C1005CH1H821K050BA
±5%
C1005CH1H821J050BA
1608
0.80±0.10
±10%
C1608CH1H821K080AA
±5%
C1608CH1H821J080AA
1 nF
1005
0.50±0.05
±10%
C1005CH1H102K050BA
±5%
C1005CH1H102J050BA
1608
0.80±0.10
±10%
C1608CH1H102K080AA
±5%
C1608CH1H102J080AA
2012
0.60±0.15
±10%
C2012CH1H102K060AA
±5%
C2012CH1H102J060AA
1.2 nF
1608
0.80±0.10
±10%
C1608CH1H122K080AA
±5%
C1608CH1H122J080AA
2012
0.60±0.15
±10%
C2012CH1H122K060AA
±5%
C2012CH1H122J060AA
1.5 nF
1608
0.80±0.10
±5%
C1608CH1H152J080AA
2012
0.60±0.15
±10%
C2012CH1H152K060AA
±5%
C2012CH1H152J060AA
1.8 nF
1608
0.80±0.10
±10%
C1608CH1H182K080AA
±5%
C1608CH1H182J080AA
2012
0.60±0.15
±10%
C2012CH1H182K060AA
±5%
C2012CH1H182J060AA
2.2 nF
1608
0.80±0.10
±10%
C1608CH1H222K080AA
±5%
C1608CH1H222J080AA
2012
0.60±0.15
±10%
C2012CH1H222K060AA
±5%
C2012CH1H222J060AA
0.85±0.15
±5%
C2012CH1H222J085AA
2.7 nF
1608
0.80±0.10
±10%
C1608CH1H272K080AA
±5%
C1608CH1H272J080AA
2012
0.60±0.15
±10%
C2012CH1H272K060AA
±5%
C2012CH1H272J060AA
3.3 nF
1608
0.80±0.10
±10%
C1608CH1H332K080AA
±5%
C1608CH1H332J080AA
2012
0.60±0.15
±10%
C2012CH1H332K060AA
±5%
C2012CH1H332J060AA
1.25±0.20
±5%
C2012CH1H332J125AA
3.9 nF
1608
0.80±0.10
±10%
C1608CH1H392K080AA
±5%
C1608CH1H392J080AA
2012
0.60±0.15
±10%
C2012CH1H392K060AA
±5%
C2012CH1H392J060AA
3216
0.60±0.15
±10%
C3216CH1H392K060AA
±5%
C3216CH1H392J060AA
4.7 nF
1608
0.80±0.10
±10%
C1608CH1H472K080AA
±5%
C1608CH1H472J080AA
2012
0.60±0.15
±10%
C2012CH1H472K060AA
±5%
C2012CH1H472J060AA
3216
0.60±0.15
±10%
C3216CH1H472K060AA
±5%
C3216CH1H472J060AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com