Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2012 Datasheet(PDF) 42 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 42 Page - TDK Electronics

Back Button C2012 Datasheet HTML 38Page - TDK Electronics C2012 Datasheet HTML 39Page - TDK Electronics C2012 Datasheet HTML 40Page - TDK Electronics C2012 Datasheet HTML 41Page - TDK Electronics C2012 Datasheet HTML 42Page - TDK Electronics C2012 Datasheet HTML 43Page - TDK Electronics C2012 Datasheet HTML 44Page - TDK Electronics C2012 Datasheet HTML 45Page - TDK Electronics C2012 Datasheet HTML 46Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
(42/57)
20230302 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■ Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: X5R (–55 to +85°C, ±15%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
2.2 nF
0603
0.30±0.03
±10%
C0603X5R1E222K030BA
±20%
C0603X5R1E222M030BA
1005
0.50±0.05
±10%
C1005X5R1H222K050BA
±20%
C1005X5R1H222M050BA
1608
0.80±0.10
±10%
C1608X5R1H222K080AA
3.3 nF
0603
0.30±0.03
±10%
C0603X5R1E332K030BA
±20%
C0603X5R1E332M030BA
1005
0.50±0.05
±10%
C1005X5R1H332K050BA
±20%
C1005X5R1H332M050BA
4.7 nF
0603
0.30±0.03
±10%
C0603X5R1C472K030BA
±20%
C0603X5R1C472M030BA
1005
0.50±0.05
±10%
C1005X5R1H472K050BA
±20%
C1005X5R1H472M050BA
1608
0.80±0.10
±10%
C1608X5R1H472K080AA
6.8 nF
1005
0.50±0.05
±10%
C1005X5R1H682K050BA
±20%
C1005X5R1H682M050BA
10 nF
0603
0.30±0.03
±10%
C0603X5R1C103K030BA
±20%
C0603X5R1C103M030BA
1005
0.50±0.05
±10%
C1005X5R1H103K050BB
C1005X5R1E103K050BA
±20%
C1005X5R1H103M050BB
C1005X5R1E103M050BA
1608
0.80±0.10
±10%
C1608X5R1H103K080AA
±20%
C1608X5R1H103M080AA
15 nF
1005
0.50±0.05
±10%
C1005X5R1H153K050BB
C1005X5R1E153K050BA
C1005X5R1C153K050BA
±20%
C1005X5R1H153M050BB
C1005X5R1E153M050BA
C1005X5R1C153M050BA
1608
0.80±0.10
±10%
C1608X5R1H153K080AA
±20%
C1608X5R1H153M080AA
22 nF
0603
0.30±0.03
±10%
C0603X5R1E223K030BB
±20%
C0603X5R1E223M030BB
1005
0.50±0.05
±10%
C1005X5R1H223K050BB
C1005X5R1E223K050BA
C1005X5R1C223K050BA
±20%
C1005X5R1H223M050BB
C1005X5R1E223M050BA
C1005X5R1C223M050BA
1608
0.80±0.10
±10%
C1608X5R1H223K080AA
±20%
C1608X5R1H223M080AA
33 nF
1005
0.50±0.05
±10%
C1005X5R1H333K050BB
C1005X5R1E333K050BA
C1005X5R1C333K050BA
±20%
C1005X5R1H333M050BB
C1005X5R1E333M050BA
C1005X5R1C333M050BA
1608
0.80±0.10
±10%
C1608X5R1H333K080AA
±20%
C1608X5R1H333M080AA
47 nF
0603
0.30±0.03
±10%
C0603X5R1E473K030BB
±20%
C0603X5R1E473M030BB
1005
0.50±0.05
±10%
C1005X5R1H473K050BB
C1005X5R1E473K050BA
C1005X5R1C473K050BA
±20%
C1005X5R1H473M050BB
C1005X5R1E473M050BA
C1005X5R1C473M050BA
1608
0.80±0.10
±10%
C1608X5R1H473K080AA
±20%
C1608X5R1H473M080AA
68 nF
1005
0.50±0.05
±10%
C1005X5R1H683K050BB
C1005X5R1V683K050BB
C1005X5R1E683K050BC
C1005X5R1C683K050BA
±20%
C1005X5R1H683M050BB
C1005X5R1V683M050BB
C1005X5R1E683M050BC
C1005X5R1C683M050BA
1608
0.80±0.10
±10%
C1608X5R1H683K080AA
±20%
C1608X5R1H683M080AA
100 nF
0603
0.30±0.03
±10%
C0603X5R1E104K030BB
C0603X5R1C104K030BC
±20%
C0603X5R1E104M030BB
C0603X5R1C104M030BC
1005
0.50±0.05
±10%
C1005X5R1H104K050BB
C1005X5R1V104K050BB
C1005X5R1E104K050BC
C1005X5R1C104K050BA
±20%
C1005X5R1H104M050BB
C1005X5R1V104M050BB
C1005X5R1E104M050BC
C1005X5R1C104M050BA
1608
0.80±0.10
±10%
C1608X5R1H104K080AA
±20%
C1608X5R1H104M080AA
2012
0.85±0.15
±10%
C2012X5R1H104K085AA
±20%
C2012X5R1H104M085AA
150 nF
0603
0.30±0.03
±10%
C0603X5R1C154K030BC
±20%
C0603X5R1C154M030BC
0.30±0.05
±10%
C0603X5R1E154K030BC
±20%
C0603X5R1E154M030BC
1005
0.50±0.05
±10%
C1005X5R1E154K050BC
C1005X5R1C154K050BB
±20%
C1005X5R1E154M050BC
C1005X5R1C154M050BB
1608
0.80±0.10
±10%
C1608X5R1H154K080AB
C1608X5R1V154K080AB
C1608X5R1E154K080AA
±20%
C1608X5R1H154M080AB
C1608X5R1V154M080AB
C1608X5R1E154M080AA
2012
0.85±0.15
±10%
C2012X5R1H154K085AA
±20%
C2012X5R1H154M085AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com