Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280CVRFX Datasheet(PDF) 75 Page - NXP Semiconductors

Part # MPC8280CVRFX
Description  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8280CVRFX Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button MPC8280CVRFX Datasheet HTML 71Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 72Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 73Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 74Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 75Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 76Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 77Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 78Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
Freescale Semiconductor
75
Package Description
9
Package Description
This figure shows the side profile of the TBGA package to indicate the direction of the top surface view.
Figure 15. Side View of the TBGA Package
This figure shows the side profile of the PBGA package to indicate the direction of the top surface view.
Figure 16. Side View of the PBGA Package Remove
3 Must be pulled down or left floating.
4 If PCI is not desired, must be pulled up or left floating.
5 Sphere is not connected to die.
6 GNDSYN (B18): This pin exists as a separate ground signal in MPC826x(A) devices; it does not exist as a separate ground
signal on the MPC8275/MPC8270. New designs must connect B18 to GND and follow the suggestions in Section 4.6, “Layout
Practices.” Old designs in which the MPC8275/MPC8270 is used as a drop-in replacement can leave the pin connected to
GND with the noise filtering capacitors.
7 XFC (A18) pin: This pin is used in MPC826x(A) devices; it is not used in MPC8275/MPC8270 because there is no need for
external capacitor to operate the PLL. New designs should connect A18 (XFC) pin to GND. Old designs in which the
MPC8275/MPC8270 is used as a drop-in replacement can leave the pin connected to the current capacitor.
Soldermask
Copper Traces
Die
Copper Heat Spreader
(Oxidized for Insulation)
1.27 mm Pitch
Glob-Top Dam
Wire Bonds
Etched
Pressure Sensitive
Die
Glob-Top Filled Area
Polymide Tape
Cavity
Adhesive
Attach
View
Die
Transfer molding compound
1 mm pitch
Wire bonds
attach
DIE
Ball bond
Screen-printed
solder mask
Cu substrate traces
Resin glass epoxy
Plated substrate via



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com