Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8610AB Datasheet(PDF) 1 Page - Linear Technology

Part # LT8610AB
Description  40V, 1A Synchronous Step-Down Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610AB Datasheet(HTML) 1 Page - Linear Technology

  LT8610AB Datasheet HTML 1Page - Linear Technology LT8610AB Datasheet HTML 2Page - Linear Technology LT8610AB Datasheet HTML 3Page - Linear Technology LT8610AB Datasheet HTML 4Page - Linear Technology LT8610AB Datasheet HTML 5Page - Linear Technology LT8610AB Datasheet HTML 6Page - Linear Technology LT8610AB Datasheet HTML 7Page - Linear Technology LT8610AB Datasheet HTML 8Page - Linear Technology LT8610AB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC3646/LTC3646-1
1
36461fc
For more information www.linear.com/LTC3646
TYPICAL APPLICATION
FEATURES
DESCRIPTION
40V, 1A Synchronous
Step-Down Converter
The LTC®3646 is a high efficiency, step-down DC/DC
converter with internal high side and synchronous power
FETs. It draws only 140µA typical DC supply current in
Burst Mode operation at no load while maintaining output
voltage regulation.
The LTC3646 can supply up to a 1A load, and its combina-
tion of Burst Mode operation, integrated power switches
and low quiescent current provides high efficiency over a
broad range of load currents. Alternatively, it can be used
inforcedcontinuousmodeforripplesensitiveapplications.
The LTC3646 has a wide 4.0V to 40V input range and its
patented controlled on-time architecture and 0.6V refer-
ence voltage allow for large step-down ratios without
the risk of output overvoltage. The frequency may be set
between 200kHz and 3.0MHz with a program resistor or
synchronized to an external clock.
The internal soft-start, short-circuit protection and volt-
age rating make the LTC3646 a robust part ideal for high
voltage applications.
Efficiency Curve
APPLICATIONS
n
Wide Input Voltage Range: 4.0V to 40V
n
1A Guaranteed Output Current
n
High Efficiency: Up to 95%
n
Wide Output Voltage Range
n
LTC3646: 2.0V to 30V
n
LTC3646-1: 0.6V to 15V
n
±1% Accurate Reference Voltage
n
Internal or External Compensation
n
Switching Frequency Adjustable and Synchronizable:
200kHz to 3MHz
n
Selectable High Efficiency Burst Mode® Operation or
Forced Continuous Mode
n
14 Lead 3mm × 4mm DFN or Thermally Enhanced
16-Lead MSOP Packages
n
Point of Load Power Supplies
n
Intermediate Bus Power
n
Automotive Applications
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
and Hot Swap is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents, including 6580258, 5481178,
5994885, 6304066, 5847554, 6476589, 6774611.
LOAD CURRENT (A)
0.001
40
60
1
3646 TA01b
20
0
0.1
0.01
100
30
50
10
70
80
90
0.4
0.2
0.8
0
1.0
0.6
VOUT = 3.3V
VOUT = 5V
VOUT = 3.3V
VOUT = 5V
VIN = 12V
f = 1MHz
PVIN
SVIN
RUN
INTVCC
MODE/SYNC
ITH
RT
EXTVCC
BOOST
SW
VON
VFB
+ –
SWITCH
CONTROL
LTC3646
3.3µH
SGND
4.7µF
PGND
0.1µF
412k
10µF
0.6V
56.2k
3646 TA01a
15µF
VOUT
5V
1A
VIN
40V MAX


Similar Part No. - LT8610AB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610AB LINER-LT8610AB Datasheet
210Kb / 6P
42V, 3.5A Micropower Synchronous Step-Down Regulator
LT8610AB LINER-LT8610AB Datasheet
1Mb / 26P
60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
logo
Analog Devices
LT8610AB AD-LT8610AB Datasheet
2Mb / 30P
Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
logo
Linear Technology
LT8610AB LINER-LT8610AB Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
logo
Analog Devices
LT8610AB AD-LT8610AB Datasheet
2Mb / 20P
High Efficiency 42V/120mA Synchronous Buck
More results

Similar Description - LT8610AB

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
1A, 1MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8057 RICHTEK-RT8057 Datasheet
224Kb / 11P
2.25MHz 1A Synchronous Step-Down Converter
logo
Linear Technology
LTC3646-1 LINER-LTC3646-1 Datasheet
407Kb / 28P
40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
LTC3646 LINER-LTC3646_15 Datasheet
448Kb / 28P
40V, 1A Synchronous Step-Down Converter
LTC3646-1 LINER-LTC3646-1_15 Datasheet
448Kb / 28P
40V, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9341 BELLING-BL9341 Datasheet
8Mb / 8P
600mA, 40V Synchronous Step-Down Converter
logo
E-CMOS Corporation
EC5015A E-CMOS-EC5015A Datasheet
555Kb / 10P
2A, 40V Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com