Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8610AB Datasheet(PDF) 4 Page - Linear Technology

Part # LT8610AB
Description  40V, 1A Synchronous Step-Down Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610AB Datasheet(HTML) 4 Page - Linear Technology

  LT8610AB Datasheet HTML 1Page - Linear Technology LT8610AB Datasheet HTML 2Page - Linear Technology LT8610AB Datasheet HTML 3Page - Linear Technology LT8610AB Datasheet HTML 4Page - Linear Technology LT8610AB Datasheet HTML 5Page - Linear Technology LT8610AB Datasheet HTML 6Page - Linear Technology LT8610AB Datasheet HTML 7Page - Linear Technology LT8610AB Datasheet HTML 8Page - Linear Technology LT8610AB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC3646/LTC3646-1
4
36461fc
For more information www.linear.com/LTC3646
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2), PVIN = SVIN = 12V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPGOOD
PGOOD Filter Time
RT = INTVCC
15
30
µs
RPGOOD
PGOOD Pull-Down Resistance
IPGOOD = 10mA
63
Ω
PGOOD Leakage
VPGOOD = VINTVCC
1.0
µA
tSS
Internal Soft-Start Time
250
500
µs
VMODE/SYNC
Mode Threshold Voltage
SYNC Threshold Voltage
Mode VIH
Mode VIL
SYNCIH
SYNCIL
l
l
l
l
1.2
1.2
0.3
0.3
V
V
V
V
MODE/SYNC Input Current
1
2
µA
Internal ITH Voltage Threshold
l
INTVCC – 0.3V
V
VON Pin Input Impedance
LTC3646
LTC3646-1
520
600
kΩ
kΩ
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3646 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3646E is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3646I is guaranteed over the –40°C to 125°C operating junction
temperature range and the LTC3646H is guaranteed over the –40°C to
150°C operating junction temperature range. High junction temperatures
derate operating lifetimes; operating lifetime is derated for junction
temperatures greater than 125°C. Note that the maximum ambient
temperature consistent with these specifications is determined by specific
operating conditions in conjunction with board layout, the rated package
thermal impedance and other environmental factors.
Note 3: Dynamic supply current is higher due to gate charging being
delivered at the switch frequency.
Note 4: Limits to VOUT are a subject to PVIN, SVIN, tON(MIN), tOFF(MIN),
and frequency constraints. See the Applications Information section for a
further discussion. These items are tested with appropriate combinations
of VIN, VON and frequency.
Note 5: RDS(ON) is guaranteed by correlation to wafer level measurements.
Note 6: Maximum allowed current draw when used as a regulated output
is 5mA. This supply is only intended to provide additional DC load current
as needed and not to regulate large transient or AC behavior as such
waveforms may impact LTC3646 operation.
Note 7: This IC includes overtemperature protection intended to protect
the device during momentary overload conditions. The maximum junction
temperature may be exceeded when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com