| Electronic Components Datasheet Search |
|
MPC8270CVVIX Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8270CVVIX Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 83 page ![]() MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2 Freescale Semiconductor 7 Operating Conditions – Provides management for BRI devices as general-circuit interface (GCI) controllers in time-division-multiplexed (TDM) channels – Transparent – UART (low-speed operation) — One serial peripheral interface identical to the MPC860 SPI — One I2C controller (identical to the MPC860 I2C controller) – Microwire compatible – Multiple-master, single-master, and slave modes — Up to eight TDM interfaces (four on the MPC8270) – Supports two groups of four TDM channels for a total of eight TDMs (one group of four on the MPC8270 and the MPC8275) – 2,048 bytes of SI RAM – Bit or byte resolution – Independent transmit and receive routing, frame synchronization – Supports T1, CEPT, T1/E1, T3/E3, pulse code modulation highway, ISDN basic rate, ISDN primary rate, Freescale interchip digital link (IDL), general circuit interface (GCI), and user-defined TDM serial interfaces — Eight independent baud rate generators and 20 input clock pins for supplying clocks to FCCs, SCCs, SMCs, and serial channels — Four independent 16-bit timers that can be interconnected as two 32-bit timers • Inverse multiplexing for ATM capabilities (IMA) (MPC8280 only). Supported by eight transfer transmission convergence (TC) layers between the TDMs and FCC2. • Transmission convergence (TC) layer (MPC8280 only) 2 Operating Conditions This table shows the maximum electrical ratings. Table 3. Absolute Maximum Ratings1 1 Absolute maximum ratings are stress ratings only; functional operation (see Table 4) at the maximums is not guaranteed. Stress beyond those listed may affect device reliability or cause permanent damage. Rating Symbol Value Unit Core supply voltage2 VDD –0.3 – 2.25 V PLL supply voltage2 VCCSYN –0.3 – 2.25 V I/O supply voltage3 VDDH –0.3 – 4.0 V Input voltage4 VIN GND(–0.3) – 3.6 V Junction temperature Tj 120 °C Storage temperature range TSTG (–55) – (+150) °C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |