Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-USMF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-USMF
Description  MF-USMF Series - PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-USMF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-USMF Datasheet HTML 1Page - Bourns Electronic Solutions MF-USMF Datasheet HTML 2Page - Bourns Electronic Solutions MF-USMF Datasheet HTML 3Page - Bourns Electronic Solutions MF-USMF Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
How to Order
MF - USMF 010 - 2
Multifuse® Product
Designator
Series
USMF = 1210 Surface Mount
Component
Hold Current, Ihold
005-150 (0.05-1.50 Amps)
Packaging
Packaged per EIA 481-1
-2 = Tape and Reel
Typical Time to Trip at 23 °C
MF-USMF Series - PTC Resettable Fuses
Typical Part Marking
Represents total content. Layout may vary.
PART IDENTIFICATION:
MF-USMF005 = 0
MF-USMF010 = 1
MF-USMF020 = 2
MF-USMF035 = 3
MF-USMF050 = 4
MF-USMF075 = 5
MF-USMF110 = 6
MF-USMF150 = 8
BIWEEKLY DATE CODE:
WEEK 1 AND 2 = A
WEEK 51 AND 52 = Z
6
A
0.001
0.01
0.1
1
10
100
0.1
1
10
100
Fault Current (Amps)
MF-USMF010
MF-USMF035 MF-USMF050
MF-USMF150
MF-USMF110
MF-USMF075
MF-USMF005
The Time to Trip curves represent typical performance of a device in a simulated application
environment. Actual performance in specific customer applications may differ from these values due
to the influence of other variables.
MF-USMF SERIES, REV. C, 01/06
Circuit Protection Division
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com