Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

560PR2C Datasheet(PDF) 6 Page - HB Electronic Components

Part # 560PR2C
Description  5.0 mm DIA LED LAMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

560PR2C Datasheet(HTML) 6 Page - HB Electronic Components

  560PR2C Datasheet HTML 1Page - HB Electronic Components 560PR2C Datasheet HTML 2Page - HB Electronic Components 560PR2C Datasheet HTML 3Page - HB Electronic Components 560PR2C Datasheet HTML 4Page - HB Electronic Components 560PR2C Datasheet HTML 5Page - HB Electronic Components 560PR2C Datasheet HTML 6Page - HB Electronic Components 560PR2C Datasheet HTML 7Page - HB Electronic Components 560PR2C Datasheet HTML 8Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5.0 mm DIA LED LAMP
560PR2C
R
EV:A / 0
2) Use LEDs with stand-off (Fig.5) or the tube or spacer made of resin (Fig.6) to position the LEDs.
FORMED LEAD
1) The lead should be bent at a point located at least 2mm away from the package. Bending
should be performed with base fixed means of a jig or pliers (Fig.7)
2) Forming lead should be carried our prior to soldering and never during or after soldering.
3) Form the lead to ensure alignment between the leads and the hole on board, so that stress
against the LED is prevented. (Fig.8)
DRAWING NO. : DS-35-04-0744
DATE : 2004-12-03
Page : 6
Stand-off
Fig.5
Fig.6
Tube
F i g . 7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com