Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

560PR2C Datasheet(PDF) 1 Page - HB Electronic Components

Part # 560PR2C
Description  5.0 mm DIA LED LAMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

560PR2C Datasheet(HTML) 1 Page - HB Electronic Components

  560PR2C Datasheet HTML 1Page - HB Electronic Components 560PR2C Datasheet HTML 2Page - HB Electronic Components 560PR2C Datasheet HTML 3Page - HB Electronic Components 560PR2C Datasheet HTML 4Page - HB Electronic Components 560PR2C Datasheet HTML 5Page - HB Electronic Components 560PR2C Datasheet HTML 6Page - HB Electronic Components 560PR2C Datasheet HTML 7Page - HB Electronic Components 560PR2C Datasheet HTML 8Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5.0 mm DIA LED LAMP
560PR2C
RE
V:A / 0
PACKAGE DIMENSIONS
DRAWING NO. : DS-35-04-0744
DATE : 2004-12-03
Page : 1
HD-R/RD013
Note:
1.All Dimensions are in millimeters.
2.Tolerance is ±0.25mm(0.010 ")
Unless otherwise specified.
3.Protruded resin under flange
is 1.5mm(0.059 ") max.
4.Lead spacing is measured where
the leads emerge from the package.
5.Specification are subject to change
without notice


Similar Part No. - 560PR2C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
560PB6C HB-560PB6C Datasheet
769Kb / 9P
LED
560PG2D HB-560PG2D Datasheet
78Kb / 3P
LED
560PWC HB-560PWC Datasheet
115Kb / 5P
5MM LED
560PWD HB-560PWD Datasheet
115Kb / 5P
5MM LED
560PY9C HB-560PY9C Datasheet
135Kb / 9P
LED
More results

Similar Description - 560PR2C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
520HR3C-F2 HB-520HR3C-F2 Datasheet
328Kb / 8P
5.0 mm DIA LED LAMP
520PG0C HB-520PG0C Datasheet
223Kb / 3P
5.0 mm DIA LED LAMP
540R2GBC-CA HB-540R2GBC-CA Datasheet
399Kb / 8P
5.0 mm DIA LED LAMP
540R2GBC-CC HB-540R2GBC-CC Datasheet
368Kb / 8P
5.0 mm DIA LED LAMP
560JY8C HB-560JY8C Datasheet
412Kb / 8P
5.0 mm DIA LED LAMP
599R2GBC-CA HB-599R2GBC-CA Datasheet
389Kb / 8P
5.0 mm DIA LED LAMP
599R2GBC-CC HB-599R2GBC-CC Datasheet
395Kb / 8P
5.0 mm DIA LED LAMP
520CG6C-F2 HB-520CG6C-F2 Datasheet
334Kb / 9P
5.0 mm DIA LED LAMP
520PG2C-F2 HB-520PG2C-F2 Datasheet
327Kb / 11P
5.0 mm DIA LED LAMP
560MY8C HB-560MY8C Datasheet
557Kb / 8P
5.0 mm DIA LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com