Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5764CSU Datasheet(PDF) 9 Page - Analog Devices

Part # AD5764CSU
Description  Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5764CSU Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5764CSU Datasheet HTML 5Page - Analog Devices AD5764CSU Datasheet HTML 6Page - Analog Devices AD5764CSU Datasheet HTML 7Page - Analog Devices AD5764CSU Datasheet HTML 8Page - Analog Devices AD5764CSU Datasheet HTML 9Page - Analog Devices AD5764CSU Datasheet HTML 10Page - Analog Devices AD5764CSU Datasheet HTML 11Page - Analog Devices AD5764CSU Datasheet HTML 12Page - Analog Devices AD5764CSU Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Preliminary Technical Data
AD5764
Rev. PrC 21-Oct-04| Page 9 of 28
SDO
SDIN
SYNC
SCLK
24
48
DB23
DB0
DB23
DB0
DB23
SELECTED REGISTER DATA
CLOCKED OUT
UNDEFINED
NOP CONDITION
INPUT WORD SPECIFIES
REGISTER TO BE READ
DB0
Figure 4. Readback Timing Diagram
200
µAI
OL
200
µAI
OH
VOH (MIN) OR
VOL (MAX)
TO OUTPUT
PIN
CL
50pF
Figure 5. Load Circuit for SDO Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com