Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDR12 Datasheet(PDF) 8 Page - Artesyn Technologies

Part # DDR12
Description  Tracking Dual Output DC-DC Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DDR12 Datasheet(HTML) 8 Page - Artesyn Technologies

Back Button DDR12 Datasheet HTML 3Page - Artesyn Technologies DDR12 Datasheet HTML 4Page - Artesyn Technologies DDR12 Datasheet HTML 5Page - Artesyn Technologies DDR12 Datasheet HTML 6Page - Artesyn Technologies DDR12 Datasheet HTML 7Page - Artesyn Technologies DDR12 Datasheet HTML 8Page - Artesyn Technologies DDR12 Datasheet HTML 9Page - Artesyn Technologies DDR12 Datasheet HTML 10Page - Artesyn Technologies DDR12 Datasheet HTML 11Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SXA10 Series
| 15W DC/DC
DDR12 Series | Tracking Dual Output
DC-DC Converters
8
Figure 7: Transient Response 75-100% Vddq Rising Edge,
(Channel 1: Vddq Output Voltage Deviation,
Channel 4: Current load step at 2 A/div)
Figure 8: Transient Response 75-100% Vddq Falling Edge,
(Channel 1: Vddq Output Voltage Deviation,
Channel 4: Current load step at 2 A/div)
Figure 9: Input Ripple Voltage measurement, Vin = 12 V,
Vddq = 25 A, Vtt = 8 A (Channel 1: Vin Ripple Voltage)
File Name: lf_ddr12.pdf Rev: 29 Nov 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com