Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDR12 Datasheet(PDF) 10 Page - Artesyn Technologies

Part # DDR12
Description  Tracking Dual Output DC-DC Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DDR12 Datasheet(HTML) 10 Page - Artesyn Technologies

Back Button DDR12 Datasheet HTML 3Page - Artesyn Technologies DDR12 Datasheet HTML 4Page - Artesyn Technologies DDR12 Datasheet HTML 5Page - Artesyn Technologies DDR12 Datasheet HTML 6Page - Artesyn Technologies DDR12 Datasheet HTML 7Page - Artesyn Technologies DDR12 Datasheet HTML 8Page - Artesyn Technologies DDR12 Datasheet HTML 9Page - Artesyn Technologies DDR12 Datasheet HTML 10Page - Artesyn Technologies DDR12 Datasheet HTML 11Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SXA10 Series
| 15W DC/DC
DDR12 Series | Tracking Dual Output
DC-DC Converters
10
File Name: lf_ddr12.pdf Rev: 29 Nov 2005
Note 1
For maximum reliability temperature at the Thermal Reference
Point, shown in Figure 11, should not exceed 100 ºC.
Note 2
The control pin is referenced to Vin-
Note 3
The DDR12 is supplied as standard with active High logic.
Control input pulled low: Unit Disabled
Control input left open: Unit Enabled
Note 4
Thermal reference set up: Unit mounted on an edge card test
board 215 mm x 115 mm. Test board mounted vertically. For
test details and recommended set-up see Application Note 133.
CAUTION: Hazardous internal voltages and high temperatures.
Ensure that unit is accessible only to trained personnel. The user
must provide the recommended fusing in order to comply with
safety approvals.
Thermal Reference Point
Figure 11: Thermal Reference Points
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com