Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDO10C Datasheet(PDF) 14 Page - Artesyn Technologies

Part # LDO10C
Description  Single Output 10 A DC-DC C Class Non-Isolated DC-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDO10C Datasheet(HTML) 14 Page - Artesyn Technologies

Back Button LDO10C Datasheet HTML 10Page - Artesyn Technologies LDO10C Datasheet HTML 11Page - Artesyn Technologies LDO10C Datasheet HTML 12Page - Artesyn Technologies LDO10C Datasheet HTML 13Page - Artesyn Technologies LDO10C Datasheet HTML 14Page - Artesyn Technologies LDO10C Datasheet HTML 15Page - Artesyn Technologies LDO10C Datasheet HTML 16Page - Artesyn Technologies LDO10C Datasheet HTML 17Page - Artesyn Technologies LDO10C Datasheet HTML 18Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LDO10C Series | 10 A DC-DC
C Class Non-Isolated DC-DC Converter
File Name: lf_ldo10.pdf Rev: (01) 25 Apr 2006
2.5 V Setpoint
Figure 16: Transient Response 100% - 50%
(Channel 1: Output Voltage Deviation,
Channel 2: Output Current)
Figure 17: Transient Respoonse 50% - 100%
(Channel 1: Output Voltage Deviation,
Channel 2: Output Current)
Figure 18: Short Circuit Characteristic
(Channel 1: Output Current at 10 A/div,
Channel 3: Output Voltage)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com