Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDO10C Datasheet(PDF) 20 Page - Artesyn Technologies

Part # LDO10C
Description  Single Output 10 A DC-DC C Class Non-Isolated DC-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDO10C Datasheet(HTML) 20 Page - Artesyn Technologies

Back Button LDO10C Datasheet HTML 12Page - Artesyn Technologies LDO10C Datasheet HTML 13Page - Artesyn Technologies LDO10C Datasheet HTML 14Page - Artesyn Technologies LDO10C Datasheet HTML 15Page - Artesyn Technologies LDO10C Datasheet HTML 16Page - Artesyn Technologies LDO10C Datasheet HTML 17Page - Artesyn Technologies LDO10C Datasheet HTML 18Page - Artesyn Technologies LDO10C Datasheet HTML 19Page - Artesyn Technologies LDO10C Datasheet HTML 20Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
www.artesyn.com
LDO10C Series | 10 A DC-DC
C Class Non-Isolated DC-DC Converter
File Name: lf_ldo10.pdf Rev: (01) 25 Apr 2006
Longform Datasheet © Artesyn Technologies® 2006
The information and specifications contained in this datasheet are
believed to be correct at time of publication. However, Artesyn
Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to
change without notice. No rights under any patent accompany the
sale of any such product(s) or information contained herein.
N O R T H A M E R I C A
email: sales.us@artesyn.com
'
800 769 7274
'
+508 628 5600
E U R O P E A N L O C A T I O N S
email: sales.europe@artesyn.com
I R E L A N D
'
+353 24 93130
A U S T R I A
'
+43 1 80150
F A R E A S T L O C A T I O N S
email: sales.asia@artesyn.com
H O N G K O N G
'
+852 2699 2868
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com