Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI400 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PI400
Description  Raspberry PI 400 US KIT ENGLISH VERSION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PI400 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PI400 Datasheet HTML 1Page - List of Unclassifed Manufacturers PI400 Datasheet HTML 2Page - List of Unclassifed Manufacturers PI400 Datasheet HTML 3Page - List of Unclassifed Manufacturers PI400 Datasheet HTML 4Page - List of Unclassifed Manufacturers PI400 Datasheet HTML 5Page - List of Unclassifed Manufacturers PI400 Datasheet HTML 6Page - List of Unclassifed Manufacturers PI400 Datasheet HTML 7Page - List of Unclassifed Manufacturers PI400 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Specification
Processor:
Broadcom BCM2711 quad-core Cortex-A72
(ARM v8) 64-bit SoC @ 1.8GHz
RAM:
4GB LPDDR4-3200
Connectivity:
Dual-band (2.4GHz and 5.0GHz) IEEE 802.11b/g/n/ac
wireless LAN, Bluetooth 5.0, BLE
Gigabit Ethernet
2 × USB 3.0 and 1 × USB 2.0 ports
GPIO
Horizontal 40-pin GPIO header
Video & sound:
2 × micro HDMI ports (supports up to 4Kp60)
Multimedia:
H.265 (4Kp60 decode);
H.264 (1080p60 decode, 1080p30 encode);
OpenGL ES 3.0 graphics
SD card support:
MicroSD card slot for operating system and data
storage
Keyboard:
78- or 79-key compact keyboard (depending on
regional variant)
Power:
5V DC via USB connector
Operating temperature:
0°C to +50°C
Dimensions:
286 mm × 122 mm × 23 mm (maximum)
Compliance:
For a full list of local and regional product approvals,
please visit
www.raspberrypi.org/documentation/hardware/
raspberrypi/conformity.md
GPIO header
MicroSD card slot
2 × micro HDMI
USB-C power
2 × USB 3.0
USB 2.0
Gigabit Ethernet
3
Raspberry Pi 400



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com