Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI400 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PI400
Description  Raspberry PI 400 US KIT ENGLISH VERSION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PI400 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PI400 Datasheet HTML 1Page - List of Unclassifed Manufacturers PI400 Datasheet HTML 2Page - List of Unclassifed Manufacturers PI400 Datasheet HTML 3Page - List of Unclassifed Manufacturers PI400 Datasheet HTML 4Page - List of Unclassifed Manufacturers PI400 Datasheet HTML 5Page - List of Unclassifed Manufacturers PI400 Datasheet HTML 6Page - List of Unclassifed Manufacturers PI400 Datasheet HTML 7Page - List of Unclassifed Manufacturers PI400 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Ordering options
Model
number
Keyboard
layout
Power
supply
Mouse MicroSD card
HDMI
cable
Beginner's
Guide
Raspberry Pi
400 UK Kit
UK
UK
Yes
16GB microSD card,
pre-programmed
with Raspberry Pi OS
1 × micro
HDMI to
HDMI-A
cable, 1 m
English
Raspberry Pi
400 US Kit
US
US
English
Raspberry Pi
400 DE Kit
DE
EU
German
Raspberry Pi
400 FR Kit
FR
EU
French
Raspberry Pi
400 IT Kit
IT
EU
Italian
Raspberry Pi
400 ES Kit
ES
EU
Spanish
Raspberry Pi
400 EU Kit
US
EU
English
Raspberry Pi
400 IN Kit
US
India
English
Raspberry Pi
400 AU Kit
US
ANZ
English
Raspberry Pi
400 AS Kit
US
UK
English
Raspberry Pi
400 UK Unit
UK
Not included in unit-only option
Raspberry Pi
400 US Unit
US
Raspberry Pi
400 DE Unit
DE
Raspberry Pi
400 FR Unit
FR
Raspberry Pi
400 IT Unit
IT
Raspberry Pi
400 ES Unit
ES
* price excludes sales tax, any applicable import duty, and local shipping costs
4
Raspberry Pi 400



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com