Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6035IBP Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6035IBP
Description  Low Power 2.7V Single Supply CMOS Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6035IBP Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC6035IBP Datasheet HTML 1Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 2Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 3Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 4Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 5Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 6Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 7Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 8Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
CM = 1.0V, VO = 1.35V and RL > 1M
Ω.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
LMC6035I/LMC6036I
Units
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
A
V
Large Signal Voltage Gain
(Note 7)
R
L = 600
Ω
Sourcing
100
75
1000
V/mV
Sinking
25
20
250
V/mV
R
L =2k
Ω
Sourcing
2000
V/mV
Sinking
500
V/mV
V
O
Output Swing
V
+ = 2.7V
R
L = 600
Ω to 1.35V
2.0
1.8
2.5
V
0.2
0.5
0.7
V
+ = 2.7V
R
L =2k
Ω to 1.35V
2.4
2.2
2.62
V
0.07
0.2
0.4
V
+ = 15V
R
L = 600
Ω to 7.5V
13.5
13.0
14.5
V
0.36
1.25
1.50
V
+ = 15V,
R
L =2 k
Ω to 7.5V
14.2
13.5
14.8
V
0.12
0.4
0.5
I
O
Output Current
V
O = 0V
Sourcing
4
3
8
mA
V
O = 2.7V
Sinking
3
2
5
I
S
Supply Current
LMC6035 for Both Amplifiers
V
O = 1.35V
0.65
1.6
1.9
mA
LMC6036 for All Four Amplifiers
V
O = 1.35V
1.3
2.7
3.0
AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
CM = 1.0V, V O = 1.35V and RL > 1M
Ω.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
Units
(Note 5)
SR
Slew Rate
(Note 9)
1.5
V/µs
GBW
Gain Bandwidth Product
V
+ = 15V
1.4
MHz
θ
m
Phase Margin
48
˚
G
m
Gain Margin
17
dB
Amp-to-Amp Isolation
(Note 10)
130
dB
e
n
Input-Referred Voltage Noise
f = 1kHz
27
V
CM =1V
i
n
Input Referred Current Noise
f = 1kHz
0.2
THD
Total Harmonic Distortion
f = 10kHz, A
V = −10
R
L =2k
Ω,V
O =8 VPP
0.01
%
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com