Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6035IBP Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6035IBP
Description  Low Power 2.7V Single Supply CMOS Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6035IBP Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMC6035IBP Datasheet HTML 3Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 4Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 5Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 6Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 7Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 8Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 9Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 10Page - National Semiconductor (TI) LMC6035IBP Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Typical Performance Characteristics Unless otherwise specified, V
S = 2.7V, single supply, TA =
25˚C (Continued)
−PSRR vs. Frequency
CMRR vs. Frequency
01283033
01283034
CMRR vs. Input Voltage
CMRR vs. Input Voltage
01283035
01283036
Input Voltage vs. Output Voltage
Input Voltage vs. Output Voltage
01283014
01283015
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com